Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH802B Datasheet(PDF) 5 Page - STMicroelectronics

Part # STTH802B
Description  Ultrafast recovery diode
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH802B Datasheet(HTML) 5 Page - STMicroelectronics

  STTH802B Datasheet HTML 1Page - STMicroelectronics STTH802B Datasheet HTML 2Page - STMicroelectronics STTH802B Datasheet HTML 3Page - STMicroelectronics STTH802B Datasheet HTML 4Page - STMicroelectronics STTH802B Datasheet HTML 5Page - STMicroelectronics STTH802B Datasheet HTML 6Page - STMicroelectronics STTH802B Datasheet HTML 7Page - STMicroelectronics STTH802B Datasheet HTML 8Page - STMicroelectronics STTH802B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
STTH802
Ordering information scheme
5/11
2
Ordering information scheme
Figure 11.
Thermal resistance, junction to
ambient, versus copper surface
under tab - Epoxy printed circuit
board FR4, eCU = 35 µm (D
2PAK )
Figure 12.
Thermal resistance, junction to
ambient, versus copper surface
under tab - Epoxy printed circuit
board FR4, eCU = 35 µm (DPAK)
0
10
20
30
40
50
60
70
80
90
100
0
5
10
15
20
25
30
35
40
R
th(j-a)(°C/W)
DPAK
2
SCU(cm²)
0
10
20
30
40
50
60
70
80
90
100
0
5
10
15
20
25
30
35
40
R
th(j-a)(°C/W)
DPAK
SCU(cm²)
STTH
8 02 XXX
Ultrafast switching diode
Average forward current
8 = 8 A
02 = 200 V
D = TO-220AC in Tube
FP = TO-220FPAC in Tube
B = DPAK in Tube
B-TR = DPAK in Tape and reel
G = D PAK in Tube
G-TR = D PAK in Tape and reel
2
2
Repetitive peak reverse voltage
Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com