Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH802G Datasheet(PDF) 1 Page - STMicroelectronics

Part # STTH802G
Description  Ultrafast recovery diode
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH802G Datasheet(HTML) 1 Page - STMicroelectronics

  STTH802G Datasheet HTML 1Page - STMicroelectronics STTH802G Datasheet HTML 2Page - STMicroelectronics STTH802G Datasheet HTML 3Page - STMicroelectronics STTH802G Datasheet HTML 4Page - STMicroelectronics STTH802G Datasheet HTML 5Page - STMicroelectronics STTH802G Datasheet HTML 6Page - STMicroelectronics STTH802G Datasheet HTML 7Page - STMicroelectronics STTH802G Datasheet HTML 8Page - STMicroelectronics STTH802G Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
September 2006
Rev 2
1/11
STTH802
Ultrafast recovery diode
Main product characteristics
Features and benefits
Very low conduction losses
Negligible switching losses
Low forward and reverse recovery time
High junction temperature
Description
The STTH802 uses ST's new 200 V planar Pt
doping technology, and is specially suited for
switching mode base drive and transistor circuits.
Packaged in TO-220AC, TO-220FPAC, DPAK,
and D2PAK this device is intended for use in low
voltage, high frequency inverters, free wheeling
and polarity protection.
Order codes
IF(AV)
8 A
VRRM
200 V
Tj (max)
175° C
VF (typ)
0.8 V
trr (typ)
17 ns
Part Number
Marking
STTH802D
STTH802
STTH802FP
STTH802
STTH802B
STTH802
STTH802B-TR
STTH802
STTH802G
STTH802
STTH802G-TR
STTH802
TO-220AC
STTH802D
DPAK
STTH802B
TO-220FPAC
STTH802FP
A
A
A
K
K
K
K
A
A
K
K
NC
NC
DPAK
STTH802G
2
www.st.com


Similar Part No. - STTH802G

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH802-Y STMICROELECTRONICS-STTH802-Y Datasheet
105Kb / 7P
Automotive ultrafast recovery diode
24-Oct-2012
STTH802C STMICROELECTRONICS-STTH802C Datasheet
177Kb / 9P
Low forward and reverse recovery time
November 2016 Rev 3
STTH802CB STMICROELECTRONICS-STTH802CB Datasheet
103Kb / 8P
HIGH EFFICIENCY ULTRAFAST DIODE
Apr-2002
STTH802CB-TR STMICROELECTRONICS-STTH802CB-TR Datasheet
103Kb / 8P
HIGH EFFICIENCY ULTRAFAST DIODE
Apr-2002
STTH802CFP STMICROELECTRONICS-STTH802CFP Datasheet
103Kb / 8P
HIGH EFFICIENCY ULTRAFAST DIODE
Apr-2002
More results

Similar Description - STTH802G

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH3R02 STMICROELECTRONICS-STTH3R02 Datasheet
116Kb / 9P
Ultrafast recovery diode
10-Oct-2006
STTH8R04 STMICROELECTRONICS-STTH8R04 Datasheet
157Kb / 11P
Ultrafast recovery diode
11-Mar-2007
logo
Sanken electric
FMXA-2102ST SANKEN-FMXA-2102ST Datasheet
266Kb / 8P
Ultrafast Recovery Diode
FMXA-2153S SANKEN-FMXA-2153S Datasheet
302Kb / 8P
Ultrafast Recovery Diode
FMXA-1106S SANKEN-FMXA-1106S Datasheet
405Kb / 8P
Ultrafast Recovery Diode
FMXA-2102ST SANKEN-FMXA-2102ST Datasheet
266Kb / 8P
Ultrafast Recovery Diode
MPL-1036S SANKEN-MPL-1036S Datasheet
247Kb / 5P
Ultrafast Recovery Diode
logo
Inchange Semiconductor ...
DPG60C400HB ISC-DPG60C400HB Datasheet
286Kb / 2P
Ultrafast Recovery Diode
DSEP60-12A ISC-DSEP60-12A Datasheet
429Kb / 2P
Ultrafast Recovery Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com