Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH802G Datasheet(PDF) 10 Page - STMicroelectronics

Part # STTH802G
Description  Ultrafast recovery diode
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH802G Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STTH802G Datasheet HTML 3Page - STMicroelectronics STTH802G Datasheet HTML 4Page - STMicroelectronics STTH802G Datasheet HTML 5Page - STMicroelectronics STTH802G Datasheet HTML 6Page - STMicroelectronics STTH802G Datasheet HTML 7Page - STMicroelectronics STTH802G Datasheet HTML 8Page - STMicroelectronics STTH802G Datasheet HTML 9Page - STMicroelectronics STTH802G Datasheet HTML 10Page - STMicroelectronics STTH802G Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Ordering information
STTH802
10/11
4
Ordering information
5
Revision history
Part Number
Marking
Package
Weight
Base qty
Delivery mode
STTH802D
STTH802
TO-220AC
1.86 g
50
Tube
STTH802FP
STTH802
TO-220FPAC
2.2 g
50
Tube
STTH802B
STTH802
DPAK
0.3 g
75
Tube
STTH802B-TR
STTH802
DPAK
0.3 g
2500
Tape and reel
STTH802G
STTH802
D2PAK
1.48 g
50
Tube
STTH802G-TR
STTH802
D2PAK
1.48 g
1000
Tape and reel
Date
Revision
Description of Changes
03-May-2006
1
First issue
22-Sep-2006
2
Added D2PAK package



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com