Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP310ACP Datasheet(PDF) 6 Page - Sipex Corporation

Part # SP310ACP
Description  Enhanced RS-232 Line Drivers/Receivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP310ACP Datasheet(HTML) 6 Page - Sipex Corporation

Back Button SP310ACP Datasheet HTML 2Page - Sipex Corporation SP310ACP Datasheet HTML 3Page - Sipex Corporation SP310ACP Datasheet HTML 4Page - Sipex Corporation SP310ACP Datasheet HTML 5Page - Sipex Corporation SP310ACP Datasheet HTML 6Page - Sipex Corporation SP310ACP Datasheet HTML 7Page - Sipex Corporation SP310ACP Datasheet HTML 8Page - Sipex Corporation SP310ACP Datasheet HTML 9Page - Sipex Corporation SP310ACP Datasheet HTML 10Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image

Jan 3-07 Rev B
SP232A/233A/30A/32A
© 2007 Sipex Corporation
Figure 4. Charge Pump — Phase 1
Figure 5. Charge Pump — Phase 2
In actual system applications, it is quite possible
for signals to be applied to the receiver inputs
before power is applied to the receiver circuitry.
This occurs, for example, when a PC user attempts
toprint,onlytorealizetheprinterwasn’tturnedon.
In this case an RS-232 signal from the PC will
appear on the receiver input at the printer. When
the printer power is turned on, the receiver will
operate normally. All of these enhanced devices
are fully protected.
Charge Pump
The charge pump is a Sipex–patented design
(5,306,954) and uses a unique approach com-
pared to older less–efficient designs. The charge
pump still requires four external capacitors, but
uses a four–phase voltage shifting technique to
attain symmetrical power supplies. There is a
free–running oscillator that controls the four
phases of the voltage shifting. A description of
each phase follows.
Phase 1
— V
SS charge storage —During this phase of
the clock cycle, the positive side of capacitors
C
1 and C2 are initially charged to +5V. Cl
+ is
then switched to ground and the charge in C
1
– is
transferred to C
2
–. Since C
2
+ is connected to
+5V, the voltage potential across capacitor C
2 is
now 10V.
Phase 2
— V
SStransfer — Phase two of the clock con-
nects the negative terminal of C
2 to the VSS
storage capacitor and the positive terminal of C
2
to ground, and transfers the generated –l0V to
C
3. Simultaneously, the positive side of capaci-
tor C
1 is switched to +5V and the negative side
is connected to ground.
Phase 3
— V
DD charge storage — The third phase of the
clock is identical to the first phase — the charge
transferred in C
1produces –5V in the negative
terminal of C
1, which is applied to the negative
side of capacitor C
2. Since C2
+ is at +5V, the
voltage potential across C
2 is a maximum of l0V.
Phase 4
— V
DD transfer — The fourth phase of the clock
connects the negative terminal of C
2 to ground,
and transfers the generated l0V across C
2 to C4,
theV
DD storage capacitor. Again, simultaneously
with this, the positive side of capacitor C
1 is
switched to +5V and the negative side is con-
nected to ground, and the cycle begins again.
Since both V+ and V– are separately generated
from V
CC; in a no–load condition V
+ and V– will
be symmetrical. Older charge pump approaches
VCC= +5V
–Vcc
+Vcc
VSSStorage Capacitor (V-)
VDDStorage Capacitor (V+)
C1
C2
C3
C4
+
+
+
+
–
–
–
–
–Vcc
VCC= +5V
Vss
VSSStorage Capacitor
VDDStorage Capacitor
C1
C2
C3
C4
+
+
+
+
–
–
–
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com