Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP310ACP Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP310ACP
Description  Enhanced RS-232 Line Drivers/Receivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP310ACP Datasheet(HTML) 1 Page - Sipex Corporation

  SP310ACP Datasheet HTML 1Page - Sipex Corporation SP310ACP Datasheet HTML 2Page - Sipex Corporation SP310ACP Datasheet HTML 3Page - Sipex Corporation SP310ACP Datasheet HTML 4Page - Sipex Corporation SP310ACP Datasheet HTML 5Page - Sipex Corporation SP310ACP Datasheet HTML 6Page - Sipex Corporation SP310ACP Datasheet HTML 7Page - Sipex Corporation SP310ACP Datasheet HTML 8Page - Sipex Corporation SP310ACP Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image

Jan 3-07 Rev B
SP232A/233A/30A/32A
© 2007 Sipex Corporation
SP232A/233A/310A/312A
Available in Lead Free Packaging
Solved by
TM
Enhanced RS-232 Line Drivers/Receivers
■
Operates from Single +5V Power Supply
■
Meets All RS-232F and ITU V.28
Specifications
■
Operates with 0.1µF to 1µF Capacitors
■
High Data Rate – 120Kbps Under Load
■
Low Power CMOS – 3mA Operation (SP232A)
■
No External Capacitors Required (SP233A)
■
Low Power Shutdown (SP310A,SP312A)
■
Enhanced ESD Protection (2kV Human
Body Model)
Number of RS232
No. of Receivers
No. of External
Model Drivers Receivers Active in Shutdown 0.1µF Capacitors Shutdown WakeUp TTL Tri–State
SP232A
2
2
N//A
4
No
No
No
SP233A
2
2
N/A
0
No
No
No
SP310A
2
2
0
4
Yes
No
Yes
SP312A
2
2
2
4
Yes
Yes
Yes
DESCRIPTION
SELECTION TABLE
The
SP232A/233A/310A/312Adevicesareafamilyoflinedriverandreceiverpairsthatmeetthe
specificationsofRS-232andV.28serialprotocols. Thesedevicesarepin-to-pincompatiblewith
popular industry standards. As with the initial versions, the
SP232A/233A/310A/312A devices
feature at least 120Kbps data rate under load, 0.1µF charge pump capacitors, and overall
ruggedness for commercial applications. This family also features
Sipex's BiCMOS design
allowing low power operation without sacrificing performance. The series is available in plastic
DIP and SOIC packages operating over the commercial and industrial temperature ranges.
Now Available in Lead Free Packaging
VCC
GND
T1OUT
R1IN
R1OUT
T1IN
T2IN
R2OUT
C1+
V+
C1-
C2+
C2-
V-
T2OUT
R2IN
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
FEATURES


Similar Part No. - SP310ACP

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP310ACP SIPEX-SP310ACP Datasheet
126Kb / 8P
Enhanced RS-232 Line Drivers/Receivers
SP310ACP SIPEX-SP310ACP Datasheet
206Kb / 12P
Enhanced RS-232 Line Drivers/Receivers
logo
Exar Corporation
SP310ACP EXAR-SP310ACP Datasheet
677Kb / 13P
Enhanced RS-232 Line Drivers/Receivers
SP310ACP-L EXAR-SP310ACP-L Datasheet
677Kb / 13P
Enhanced RS-232 Line Drivers/Receivers
More results

Similar Description - SP310ACP

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP231A SIPEX-SP231A Datasheet
126Kb / 8P
Enhanced RS-232 Line Drivers/Receivers
SP231A SIPEX-SP231A Datasheet
126Kb / 8P
Enhanced RS-232 Line Drivers/Receivers
SP232A SIPEX-SP232A_05 Datasheet
206Kb / 12P
Enhanced RS-232 Line Drivers/Receivers
logo
Exar Corporation
SP232A EXAR-SP232A Datasheet
857Kb / 10P
Enhanced RS-232 Line Drivers/Receivers
SP233A EXAR-SP233A Datasheet
677Kb / 13P
Enhanced RS-232 Line Drivers/Receivers
logo
Unisonic Technologies
UT232A UTC-UT232A Datasheet
177Kb / 5P
ENHANCED RS-232 LINE DRIVERS/RECEIVERS
logo
Analog Devices
ADM1181A AD-ADM1181A_15 Datasheet
255Kb / 16P
RS-232 Line Drivers/Receivers
REV. C
logo
Exar Corporation
SP232ACN-L-TR EXAR-SP232ACN-L-TR Datasheet
821Kb / 11P
Enhanced RS-232 Line Drivers/Receivers
SP232ACT-L-TR EXAR-SP232ACT-L-TR Datasheet
821Kb / 11P
Enhanced RS-232 Line Drivers/Receivers
SP232AEN-L-TR EXAR-SP232AEN-L-TR Datasheet
821Kb / 11P
Enhanced RS-232 Line Drivers/Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com