Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP310ACT Datasheet(PDF) 4 Page - Sipex Corporation

Part # SP310ACT
Description  Enhanced RS-232 Line Drivers/Receivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP310ACT Datasheet(HTML) 4 Page - Sipex Corporation

  SP310ACT Datasheet HTML 1Page - Sipex Corporation SP310ACT Datasheet HTML 2Page - Sipex Corporation SP310ACT Datasheet HTML 3Page - Sipex Corporation SP310ACT Datasheet HTML 4Page - Sipex Corporation SP310ACT Datasheet HTML 5Page - Sipex Corporation SP310ACT Datasheet HTML 6Page - Sipex Corporation SP310ACT Datasheet HTML 7Page - Sipex Corporation SP310ACT Datasheet HTML 8Page - Sipex Corporation SP310ACT Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image

Jan 3-07 Rev B
SP232A/233A/30A/32A
© 2007 Sipex Corporation
Figure 1. Typical Circuit using the SP232A.
FEATURES…
The
SP232A/233A/310A/312A devices are a
family of line driver and receiver pairs that meet
the specifications of RS-232 and V.28 serial
protocols. The ESD tolerance has been im-
proved on these devices to over ±2KV for the
Human Body Model. These devices are pin-to-
pin compatible with popular industry standards.
The
SP232A/233A/310A/312A devices
feature10V/µs slew rate, 120Kbps data rate un-
der load, 0.1µF charge pump capacitors, overall
ruggedness for commercial applications, and
increased drive current for longer and more
flexible cable configurations. This family also
features Sipex's BiCMOS design allowing low
power operation without sacrificing perfor-
mance.
The
SP232A/233A/310A/312A devices have
internal charge pump voltage converters which
allow them to operate from a single +5V supply.
The charge pumps will operate with polarized or
non-polarized capacitors ranging from 0.1 to 1µF
and will generate the ±6V needed for the RS-
232 output levels. Both meet all EIA RS-232F
and ITU V.28 specifications.
The SP310A provides identical features as the
SP232A with the addition of a single control
line which simultaneously shuts down the inter-
nal DC/DC converter and puts all transmitter
and receiver outputs into a high impedance
state. The SP312A is identical to the SP310A
with separate tri-state and shutdown control
lines.
THEORY OF OPERATION
The SP232A, SP233A, SP310A and SP312A
devices are made up of three basic circuit blocks –
1)adriver/transmitter,2)areceiverand3)acharge
pump. Each block is described below.
Driver/Transmitter
The drivers are inverting transmitters, which ac-
cept TTL or CMOS inputs and output the RS-232
signals with an inverted sense relative to the input
logic levels. Typically the RS-232output voltage
swing is ±6V. Even under worst case loading
conditions of 3kOhms and 2500pF, the output is
guaranteed to be ±5V, which is consistent with the
RS-232 standard specifications. The transmitter
outputs are protected against infinite short-circuits
to ground without degradation in reliability.
R2
9
8
R IN
R OUT
2
R1
12
13
R IN
R OUT
1
T2
10
7
T IN
2
T OUT
2
T1
11
14
T IN
1
T OUT
1
15
GND
400k
400k
3
1
C +
C -
1
1
6
16
V CC
V+
+
+
0.1 F
6.3V
µ
Charge Pump
+5V INPUT
2
V-
2
1
5k
0.1 F
10V
µ
5k
5
4
C +
C -
2
2
+
0.1 F
10V
µ
0.1 F 6.3V
µ
10 F 6.3V
µ
SP232A
+
+
*
*The negative terminal of the V+ storage capacitor can be tied
to either VCCor GND. Connecting the capacitor to V CC(+5V)
is recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com