Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP310ACT Datasheet(PDF) 5 Page - Sipex Corporation

Part # SP310ACT
Description  Enhanced RS-232 Line Drivers/Receivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP310ACT Datasheet(HTML) 5 Page - Sipex Corporation

  SP310ACT Datasheet HTML 1Page - Sipex Corporation SP310ACT Datasheet HTML 2Page - Sipex Corporation SP310ACT Datasheet HTML 3Page - Sipex Corporation SP310ACT Datasheet HTML 4Page - Sipex Corporation SP310ACT Datasheet HTML 5Page - Sipex Corporation SP310ACT Datasheet HTML 6Page - Sipex Corporation SP310ACT Datasheet HTML 7Page - Sipex Corporation SP310ACT Datasheet HTML 8Page - Sipex Corporation SP310ACT Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image

Jan 3-07 Rev B
SP232A/233A/30A/32A
© 2007 Sipex Corporation
The instantaneous slew rate of the transmitter
output is internally limited to a maximum of 30V/
µs in order to meet the standards [EIA RS-232-F ].
The transition region slew rate of these enhanced
products is typically 10V/µs. The smooth transi-
tion of the loaded output from V
OL to VOH clearly
meets the monotonicity requirements of the stan-
dard [EIA RS-232-F].
Receivers
The receivers convert RS-232 input signals to
inverted TTL signals. Since the input is usually
from a transmission line, where long cable lengths
andsysteminterferencecandegradethesignal,the
inputs have a typical hysteresis margin of 500mV.
This ensures that the receiver is virtually immune
to noisy transmission lines.
The input thresholds are 0.8V minimum and 2.4V
maximum, again well within the ±3V RS-232
requirements. The receiver inputs are also pro-
tected against voltages up to ±25V. Should an
input be left unconnected, a 5K pulldown resis-
tortogroundwillcommittheoutputofthereceiver
to a high state.
Figure 2. Typical Circuits using the SP233ACP and SP233ACT
Figure 3. Typical Circuits using the SP310A and SP312A
R2
20
19
R IN
R OUT
2
R1
3
4
R IN
R OUT
1
T2
1
18
T IN
2
T OUT
2
T1
2
5
T IN
1
T OUT
1
9
GND
400k
400k
13
8 C +
C -
V+
V-
V-
1
1
10
7
VCC
+5V INPUT
11
2
1
5k
5k
17
12
C +
C +
C -
C -
2
2
GND
6
14
15
16
2
2
Do not make
connection to
these pins
SP233ACP
Connect on PCB
Pin 11 to Pin 15
Pin 10 to Pin 16
Pin 12 to Pin 17
Both Pins 6 and 9 to GND
R2
20
19
R IN
R OUT
2
R1
3
4
R IN
R OUT
1
T2
1
18
T IN
2
T OUT
2
T1
2
5
T IN
1
T OUT
1
9
GND
400k
400k
14
13 C +
C -
V+
V-
V-
1
1
11
7
VCC
+5V INPUT
12
2
1
5k
5k
17
10
C +
C +
C -
C -
2
2
GND
6
8
15
16
2
2
Do not make
connection to
these pins
SP233ACT
Connect on PCB
Pin 12 to Pin 15
Pin 11 to Pin 16
Pin 10 to Pin 17
Both Pins 6 and 9 to GND
R2
10
9
R IN
R OUT
2
R1
13
14
R IN
R OUT
1
T2
11
8
T IN
2
T OUT
2
T1
12
15
T IN
1
T OUT
1
16
GND
400k
400k
4
2
C +
C -1
1
7
17
V CC
V+
+
+
0.1 F
6.3V
µ
Charge Pump
+5V INPUT
3
V-
2
1
5k
5k
6
5
C +
C -2
2
+
0.1 F
16V
µ
10 F 6.3V
µ
SP310A
+
18
ON/OFF
+
0.1 µF
10V
*
*The negative terminal of the V+ storage capacitor can be tied
to either VCCor GND. Connecting the capacitor to V CC(+5V)
is recommended.
0.1 µF
10V
R2
10
9
R IN
R OUT
2
R1
13
14
R IN
R OUT
1
T2
11
8
T IN
2
T OUT
2
T1
12
15
T IN
1
T OUT
1
16
GND
400k
400k
4
2
C +
C -1
1
7
17
V CC
V+
+
+
0.1 F
6.3V
µ
+5V INPUT
3
V-
2
1
5k
0.1 F
10V
µ
5k
6
5
C +
C -2
2
+
0.1 F
16V
µ
Charge Pump
10 F 6.3V
µ
SP312A
+
18
SHUTDOWN
1
EN
+
0.1 F
10V
µ
*
*The negative terminal of the V+ storage capacitor can be tied
to either VCCor GND. Connecting the capacitor to V CC(+5V)
is recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com