Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58LR128HB Datasheet(PDF) 8 Page - STMicroelectronics

Part # M58LR128HB
Description  128 Mbit (8 Mb ×16, Multiple Bank, Multilevel interface, Burst) 1.8 V supply Flash memories
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LR128HB Datasheet(HTML) 8 Page - STMicroelectronics

Back Button M58LR128HB Datasheet HTML 4Page - STMicroelectronics M58LR128HB Datasheet HTML 5Page - STMicroelectronics M58LR128HB Datasheet HTML 6Page - STMicroelectronics M58LR128HB Datasheet HTML 7Page - STMicroelectronics M58LR128HB Datasheet HTML 8Page - STMicroelectronics M58LR128HB Datasheet HTML 9Page - STMicroelectronics M58LR128HB Datasheet HTML 10Page - STMicroelectronics M58LR128HB Datasheet HTML 11Page - STMicroelectronics M58LR128HB Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 112 page
background image
Description
M58LR128HT, M58LR128HB
8/112
1
Description
The M58LR128HT/B are 128 Mbit (8 Mbit ×16) non-volatile Flash memories. They may be
erased electrically at block level and programmed in-system on a Word-by-Word basis using
a 1.7 V to 2.0 V VDD supply for the circuitry and a 1.7 V to 2.0 V VDDQ supply for the
Input/Output pins. An optional 9V VPP power supply is provided to speed up factory
programming.
The devices feature an asymmetrical block architecture. The M58LR128HT/B have an array
of 131 blocks, and are divided into 8 Mbit banks. There are 15 banks each containing 8 main
blocks of 64 KWords, and one parameter bank containing 4 parameter blocks of 16 KWords
and 7 main blocks of 64 KWords.
The Multiple Bank Architecture allows Dual Operations, while programming or erasing in
one bank, read operations are possible in other banks. Only one bank at a time is allowed to
be in program or erase mode. It is possible to perform burst reads that cross bank
boundaries. The bank architecture is summarized in Table 2, and the memory map is shown
in Figure 3. The Parameter Blocks are located at the top of the memory address space for
the M58LR128HT, and at the bottom for the M58LR128HB.
Each block can be erased separately. Erase can be suspended, in order to perform a
program or read operation in any other block, and then resumed. Program can be
suspended to read data at any memory location except for the one being programmed, and
then resumed. Each block can be programmed and erased over 100,000 cycles using the
supply voltage VDD. There is a Buffer Enhanced Factory programming command available
to speed up programming.
Program and erase commands are written to the Command Interface of the memory. An
internal Program/Erase Controller takes care of the timings necessary for program and
erase operations. The end of a program or erase operation can be detected and any error
conditions identified in the Status Register. The command set required to control the
memory is consistent with JEDEC standards.
The device supports Synchronous Burst Read and Asynchronous Read from all blocks of
the memory array; at power-up the device is configured for Asynchronous Read. In
Synchronous Burst Read mode, data is output on each clock cycle at frequencies of up to
54 MHz. The Synchronous Burst Read operation can be suspended and resumed.
The device features an Automatic Standby mode. When the bus is inactive during
Asynchronous Read operations, the device automatically switches to the Automatic Standby
mode. In this condition the power consumption is reduced to the standby value and the
outputs are still driven.
The M58LR128HT/B features an instant, individual block locking scheme that allows any
block to be locked or unlocked with no latency, enabling instant code and data protection. All
blocks have three levels of protection. They can be locked and locked-down individually
preventing any accidental programming or erasure. There is an additional hardware
protection against program and erase. When VPP ≤VPPLK all blocks are protected against
program or erase. All blocks are locked at power-up.
The device includes 17 Protection Registers and 2 Protection Register locks, one for the first
Protection Register and the other for the 16 One-Time-Programmable (OTP) Protection
Registers of 128 bits each. The first Protection Register is divided into two segments: a 64
bit segment containing a unique device number written by ST, and a 64 bit segment One-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com