Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58LR128HB Datasheet(PDF) 94 Page - STMicroelectronics

Part # M58LR128HB
Description  128 Mbit (8 Mb ×16, Multiple Bank, Multilevel interface, Burst) 1.8 V supply Flash memories
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LR128HB Datasheet(HTML) 94 Page - STMicroelectronics

Back Button M58LR128HB Datasheet HTML 90Page - STMicroelectronics M58LR128HB Datasheet HTML 91Page - STMicroelectronics M58LR128HB Datasheet HTML 92Page - STMicroelectronics M58LR128HB Datasheet HTML 93Page - STMicroelectronics M58LR128HB Datasheet HTML 94Page - STMicroelectronics M58LR128HB Datasheet HTML 95Page - STMicroelectronics M58LR128HB Datasheet HTML 96Page - STMicroelectronics M58LR128HB Datasheet HTML 97Page - STMicroelectronics M58LR128HB Datasheet HTML 98Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 112 page
background image
Flowcharts and pseudocodes
M58LR128HT, M58LR128HB
94/112
Figure 20. Blank Check flowchart and pseudocode
1.
Any address within the bank can equally be used.
2.
If an error is found, the Status Register must be cleared before further Program/Erase operations.
Write Block
Address & BCh
Start
SR7 = 1
Write Block
Address & CBh
Read
Status Register (1)
SR4 = 1
SR5 = 1
SR5 = 0
NO
YES
Command Sequence
Error (2)
YES
Blank Check Error (2)
NO
End
blank_check_command (blockToCheck) {
writeToFlash (blockToCheck, 0xBC);
writeToFlash (blockToCheck, 0xCB);
/* Memory enters read status state after
the Blank Check Command */
do {
status_register = readFlash (blockToCheck);
/* see note (1) */
/* E or G must be toggled */
} while (status_register.SR7==0);
if (status_register.SR4==1) && (status_register.SR5==1)
/* command sequence error */
error_handler () ;
if (status_register.SR5==1)
/* Blank Check error */
error_handler () ;
}
ai10520c



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com