Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74ALVC14D Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74ALVC14D
Description  HEX SCHMITT-TRIGGER INVERTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ALVC14D Datasheet(HTML) 1 Page - Texas Instruments

  SN74ALVC14D Datasheet HTML 1Page - Texas Instruments SN74ALVC14D Datasheet HTML 2Page - Texas Instruments SN74ALVC14D Datasheet HTML 3Page - Texas Instruments SN74ALVC14D Datasheet HTML 4Page - Texas Instruments SN74ALVC14D Datasheet HTML 5Page - Texas Instruments SN74ALVC14D Datasheet HTML 6Page - Texas Instruments SN74ALVC14D Datasheet HTML 7Page - Texas Instruments SN74ALVC14D Datasheet HTML 8Page - Texas Instruments SN74ALVC14D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
www.ti.com
FEATURES
D, DGV, NS, OR PW PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1A
1Y
2A
2Y
3A
3Y
GND
VCC
6A
6Y
5A
5Y
4A
4Y
DESCRIPTION/ORDERING INFORMATION
LOGIC DIAGRAM, EACH INVERTER
Y
A
SN74ALVC14
HEX SCHMITT-TRIGGER INVERTER
SCES107H – JULY 1997 – REVISED OCTOBER 2004
•
Operates From 2.3 V to 3.6 V
•
Max tpd of 3.4 ns at 3.3 V
•
±24-mA Output Drive at 3.3 V
•
Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
•
ESD Protection Exceeds JESD 22
– 2000-V Human-Body Model (A114-A)
– 200-V Machine Model (A115-A)
– 1000-V Charged-Device Model (C101)
This hex Schmitt-trigger inverter is designed for 2.3-V to 3.6-V VCC operation.
The SN74ALVC14 contains six independent inverters and performs the Boolean function Y = A.
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
Tube
SN74ALVC14D
SOIC - D
ALVC14
Tape and reel
SN74ALVC14DR
-40
°C to 85°C
SOP - NS
Tape and reel
SN74ALVC14NSR
ALVC14
TSSOP - PW
Tape and reel
SN74ALVC14PWR
VA14
TVSOP - DGV
Tape and reel
SN74ALVC14DGVR
VA14
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
FUNCTION TABLE
(each inverter)
INPUT
OUTPUT
A
Y
H
L
L
H
(POSITIVE LOGIC)
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 1997–2004, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN74ALVC14D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALVC14D TI-SN74ALVC14D Datasheet
83Kb / 6P
HEX SCHMITT-TRIGGER INVERTER
SN74ALVC14D TI1-SN74ALVC14D Datasheet
686Kb / 17P
HEX SCHMITT-TRIGGER INVERTER
SN74ALVC14D TI2-SN74ALVC14D Datasheet
602Kb / 19P
HEX SCHMITT-TRIGGER INVERTER
REVISED OCTOBER 2004
SN74ALVC14D.B TI2-SN74ALVC14D.B Datasheet
602Kb / 19P
HEX SCHMITT-TRIGGER INVERTER
REVISED OCTOBER 2004
SN74ALVC14DBR TI1-SN74ALVC14DBR Datasheet
686Kb / 17P
HEX SCHMITT-TRIGGER INVERTER
More results

Similar Description - SN74ALVC14D

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74AC14 MOTOROLA-MC74AC14 Datasheet
128Kb / 5P
HEX INVERTER SCHMITT HEX INVERTER SCHMITT TRIGGER
logo
Hitachi Semiconductor
HD74AC14 HITACHI-HD74AC14 Datasheet
44Kb / 8P
Hex Inverter Schmitt Trigger
logo
Texas Instruments
SN74AUC14 TI-SN74AUC14 Datasheet
185Kb / 8P
HEX SCHMITT-TRIGGER INVERTER
logo
Unisonic Technologies
U74AC14 UTC-U74AC14 Datasheet
133Kb / 5P
HEX SCHMITT-TRIGGER INVERTER
logo
Texas Instruments
SN74AHC14-EP TI1-SN74AHC14-EP Datasheet
555Kb / 12P
HEX SCHMITT-TRIGGER INVERTER
SN74AHCT14-EP TI1-SN74AHCT14-EP Datasheet
421Kb / 8P
HEX SCHMITT-TRIGGER INVERTER
logo
Fairchild Semiconductor
74F14SCX FAIRCHILD-74F14SCX Datasheet
68Kb / 5P
Hex Inverter Schmitt Trigger
logo
Texas Instruments
74ACT11014 TI1-74ACT11014 Datasheet
88Kb / 5P
HEX SCHMITT-TRIGGER INVERTER
CD74AC14 TI1-CD74AC14_14 Datasheet
594Kb / 12P
Hex Schmitt-trigger inverter
SN74ALVC14 TI1-SN74ALVC14_15 Datasheet
686Kb / 17P
HEX SCHMITT-TRIGGER INVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com