Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74ALVC14D Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN74ALVC14D
Description  HEX SCHMITT-TRIGGER INVERTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ALVC14D Datasheet(HTML) 3 Page - Texas Instruments

  SN74ALVC14D Datasheet HTML 1Page - Texas Instruments SN74ALVC14D Datasheet HTML 2Page - Texas Instruments SN74ALVC14D Datasheet HTML 3Page - Texas Instruments SN74ALVC14D Datasheet HTML 4Page - Texas Instruments SN74ALVC14D Datasheet HTML 5Page - Texas Instruments SN74ALVC14D Datasheet HTML 6Page - Texas Instruments SN74ALVC14D Datasheet HTML 7Page - Texas Instruments SN74ALVC14D Datasheet HTML 8Page - Texas Instruments SN74ALVC14D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
SWITCHING CHARACTERISTICS
OPERATING CHARACTERISTICS
SN74ALVC14
HEX SCHMITT-TRIGGER INVERTER
SCES107H – JULY 1997 – REVISED OCTOBER 2004
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP(1)
MAX
UNIT
2.3 V
0.7
1.7
VT+
2.7 V
0.8
2
Positive-going
V
3 V
0.8
2
threshold
3.6 V
0.8
2
2.3 V
0.35
1.3
VT-
2.7 V
0.4
1.4
Negative-going
V
3 V
0.6
1.5
threshold
3.6 V
0.8
1.8
2.3 V
0.3
1
∆V
T
2.7 V
0.3
1.1
Hysteresis
V
3 V
0.3
1.2
(VT+ - VT-)
3.6 V
0.3
1.2
IOH = 100 µA
2.3 V to 3.6 V
VCC - 0.2
IOH = -6 mA
2.3 V
2
2.3 V
1.7
VOH
V
IOH = -12 mA
2.7 V
2.2
3 V
2.4
IOH = -24 mA
3 V
2
IOL = 100 µA
2.3 V to 3.6 V
0.2
IOL = 6 mA
2.3 V
0.4
VOL
2.3 V
0.7
V
IOL = 12 mA
2.7 V
0.4
IOL = 24 mA
3 V
0.55
II
VI = VCC or GND
3.6 V
±5
µA
ICC
VI = VCC or GND,
IO = 0
3.6 V
10
µA
∆I
CC
One input at VCC - 0.6 V,
Other inputs at VCC or GND
3 V to 3.6 V
750
µA
Ci
VI = VCC or GND
3.3 V
4
pF
(1)
All typical values are at VCC = 3.3 V, TA = 25°C.
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 1 and Figure 2)
VCC = 2.5 V
VCC = 3.3 V
VCC = 2.7 V
FROM
TO
± 0.2 V
± 0.3 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
MIN
MAX
tpd
A
Y
1
3.7
3.9
1
3.4
ns
T
A = 25°C
VCC = 2.5 V
VCC = 3.3 V
PARAMETER
TEST CONDITIONS
UNIT
TYP
TYP
Cpd
Power dissipation capacitance per inverter
CL = 0,
f = 10 MHz
27
31
pF
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com