Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STL8NH3LL Datasheet(PDF) 3 Page - STMicroelectronics

Part # STL8NH3LL
Description  N-channel 30V - 0.012ohm - 8A - PowerFLAT Ultra low gate charge STripFET Power MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL8NH3LL Datasheet(HTML) 3 Page - STMicroelectronics

  STL8NH3LL Datasheet HTML 1Page - STMicroelectronics STL8NH3LL Datasheet HTML 2Page - STMicroelectronics STL8NH3LL Datasheet HTML 3Page - STMicroelectronics STL8NH3LL Datasheet HTML 4Page - STMicroelectronics STL8NH3LL Datasheet HTML 5Page - STMicroelectronics STL8NH3LL Datasheet HTML 6Page - STMicroelectronics STL8NH3LL Datasheet HTML 7Page - STMicroelectronics STL8NH3LL Datasheet HTML 8Page - STMicroelectronics STL8NH3LL Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
STL8NH3LL
Electrical ratings
3/12
1
Electrical ratings
Table 1.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDS
Drain-Source Voltage (VGS = 0)
30
V
VGS
Gate-Source Voltage
± 18
V
ID
(1)
1.
The value is rated according Rthj-pcb
Drain Current (continuous) at TC = 25°C
8
A
ID
(1)
Drain Current (continuous) at TC=100°C
5
A
IDM
(2)
2.
Pulse width limited by safe operating area.
Drain Current (pulsed)
32
A
PTOT
(3)
3.
The vaule is rated according Rthj-c
Total Dissipation at TC = 25°C
50
W
PTOT
(1)
Total Dissipation at TC = 25°C
2
W
Derating Factor
0.4
W/°C
TJ
Tstg
Operating Junction Temperature
Storage Temperature
-55 to 150
°C
Table 2.
Thermal resistance
Symbol
Parameter
Value
Unit
Rthj-case
Thermal resistance junction-case (Drain)
2.5
°C/W
Rthj-pcb
(1)
1.
When mounted on FR-4 board of 1inch², 2oz Cu, t < 10sec
Thermal resistance junction-pcb
42.8
°C/W
Rthj-pcb
(2)
2.
Steady state
Thermal resistance junction-pcb
63.5
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com