Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STL8NH3LL Datasheet(PDF) 4 Page - STMicroelectronics

Part # STL8NH3LL
Description  N-channel 30V - 0.012ohm - 8A - PowerFLAT Ultra low gate charge STripFET Power MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL8NH3LL Datasheet(HTML) 4 Page - STMicroelectronics

  STL8NH3LL Datasheet HTML 1Page - STMicroelectronics STL8NH3LL Datasheet HTML 2Page - STMicroelectronics STL8NH3LL Datasheet HTML 3Page - STMicroelectronics STL8NH3LL Datasheet HTML 4Page - STMicroelectronics STL8NH3LL Datasheet HTML 5Page - STMicroelectronics STL8NH3LL Datasheet HTML 6Page - STMicroelectronics STL8NH3LL Datasheet HTML 7Page - STMicroelectronics STL8NH3LL Datasheet HTML 8Page - STMicroelectronics STL8NH3LL Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Electrical characteristics
STL8NH3LL
4/12
2
Electrical characteristics
(TCASE=25°C unless otherwise specified)
Table 3.
On/off states
Symbol
Parameter
Test Condictions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-Source Breakdown
Voltage
ID = 250µA, VGS= 0
30
V
IDSS
Zero Gate Voltage Drain
Current (VGS = 0)
VDS = Max Rating,
VDS = MaxRating @125°C
1
10
µA
µA
IGSS
Gate Body Leakage Current
(VDS = 0)
VGS = ±18V
±
100
nA
VGS(th)
Gate Threshold Voltage
VDS= VGS, ID = 250µA
12.5
V
RDS(on)
Static Drain-Source On
Resistance
VGS= 10V, ID= 4A
VGS= 4.5V, ID= 4A
0.012
0.0135
0.015
0.017
Table 4.
Dynamic
Symbol
Parameter
Test Condictions
Min.
Typ.
Max.
Unit
gfs
(1)
1.
Pulsed: pulse duration=300µs, duty cycle 1.5%
Forward Transconductance
VDS =15V, ID = 4A
30
S
Ciss
Coss
Crss
Input Capacitance
Output Capacitance
Reverse Transfer
Capacitance
VDS =25V, f=1 MHz, VGS=0
965
285
38
pF
pF
pF
Qg
Qgs
Qgd
Total Gate Charge
Gate-Source Charge
Gate-Drain Charge
VDD=15V, ID = 8A
VGS =4.5V
(see Figure 7)
9
3.7
3
12
nC
nC
nC
RG
Gate Input Resistance
f=1 MHz Gate DC Bias = 0
Test Signal Level = 20mV
Open Drain
0.5
1.5
2.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com