Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P60NH2LL Datasheet(PDF) 1 Page - STMicroelectronics

Part # P60NH2LL
Description  N-channel 24V - 0.010ohm - 40A TO-220 STripFET Power MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

P60NH2LL Datasheet(HTML) 1 Page - STMicroelectronics

  P60NH2LL Datasheet HTML 1Page - STMicroelectronics P60NH2LL Datasheet HTML 2Page - STMicroelectronics P60NH2LL Datasheet HTML 3Page - STMicroelectronics P60NH2LL Datasheet HTML 4Page - STMicroelectronics P60NH2LL Datasheet HTML 5Page - STMicroelectronics P60NH2LL Datasheet HTML 6Page - STMicroelectronics P60NH2LL Datasheet HTML 7Page - STMicroelectronics P60NH2LL Datasheet HTML 8Page - STMicroelectronics P60NH2LL Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
January 2007
Rev 3
1/14
14
STP60NH2LL
N-channel 24V - 0.010
Ω - 40A TO-220
STripFET™ Power MOSFET
General features
■ RDS(ON) * Qg industry’s benchmark
■ Conduction losses reduced
■ Switching losses reduced
■ Low threshold device
Description
The STP60NH2LL utilizes the latest advanced
design rules of ST’s proprietary STripFET™
technology. This is suitable for the most
demanding DC-DC converter application where
high efficiency is to be achieved.
Applications
■ Switching application
Internal schematic diagram
Type
VDSS
(@Tjmax)
RDS(on)
ID
STP60NH2LL
24V
<0.011
Ω
40A(1)
1.
Value limited by wire bonding
TO-220
1
2
3
www.st.com
Order codes
Part number
Marking
Package
Packaging
STP60NH2LL
P60NH2LL
TO-220
Tube


Similar Part No. - P60NH2LL

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
P60N03LDG VBSEMI-P60N03LDG Datasheet
1,017Kb / 8P
N-Channel 30-V (D-S) MOSFET
P60N03LR VBSEMI-P60N03LR Datasheet
1,017Kb / 8P
N-Channel 30-V (D-S) MOSFET
logo
STMicroelectronics
P60N06 STMICROELECTRONICS-P60N06 Datasheet
347Kb / 10P
N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
May-1993
logo
VBsemi Electronics Co.,...
P60N06-14 VBSEMI-P60N06-14 Datasheet
979Kb / 7P
N-Channel 60-V (D-S) MOSFET
logo
STMicroelectronics
P60NE06-16 STMICROELECTRONICS-P60NE06-16 Datasheet
120Kb / 9P
N - CHANNEL ENHANCEMENT MODE SINGLE FEATURE SIZE POWER MOSFET
Dec-1997
More results

Similar Description - P60NH2LL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP3020L STMICROELECTRONICS-STP3020L Datasheet
83Kb / 8P
N - CHANNEL 30V - 0.019ohm - 40A - TO-220 STripFET POWER MOSFET
Mar-1999
STP35NF10 STMICROELECTRONICS-STP35NF10 Datasheet
466Kb / 10P
N-CHANNEL 100V - 0.030ohm - 40A TO-220 / D2PAK LOW GATE CHARGE STripFET™ POWER MOSFET
Apr-2003
STP40NF03L STMICROELECTRONICS-STP40NF03L Datasheet
82Kb / 8P
N - CHANNEL 30V - 0.020 ohm - 40A TO-220 STripFET POWER MOSFET
Oct-1999
STP40NF10L STMICROELECTRONICS-STP40NF10L Datasheet
272Kb / 8P
N-CHANNEL 100V - 0.028ohm - 40A TO-220 LOW GATE CHARGE STripFET POWER MOSFET
Jun-2002
STP40NF12 STMICROELECTRONICS-STP40NF12 Datasheet
283Kb / 8P
N-CHANNEL 120V - 0.028W - 40A TO-220 LOW GATE CHARGE STripFET™ II POWER MOSFET
Oct-2003
STD55NH2LL STMICROELECTRONICS-STD55NH2LL Datasheet
655Kb / 12P
N-CHANNEL 24V - 0.010ohm - 40A DPAK/IPAK ULTRA LOW GATE CHARGE STripFET POWER MOSFET
Mar-2004
STB300NH02L STMICROELECTRONICS-STB300NH02L Datasheet
474Kb / 14P
N-channel 24V - 120A - TO-220 / D2PAK STripFET TM Power MOSFET
21-Feb-2007
STD55NH2LL STMICROELECTRONICS-STD55NH2LL_06 Datasheet
505Kb / 16P
N-channel 24V - 0.010ohm - 40A - DPAK/IPAK Ultra low gate charge STripFET TM Power MOSFET
16-Jul-2006
STP40NF03L STMICROELECTRONICS-STP40NF03L_07 Datasheet
254Kb / 12P
N-channel 30V - 0.018Ω - 40A - TO-220 STripFET??Power MOSFET
21-Feb-2007
STB300NH02L_0709 STMICROELECTRONICS-STB300NH02L_0709 Datasheet
329Kb / 14P
N-channel 24V - 120A - TO-220 / D2PAK STripFET??Power MOSFET
25-Sep-2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com