Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P60NH2LL Datasheet(PDF) 13 Page - STMicroelectronics

Part # P60NH2LL
Description  N-channel 24V - 0.010ohm - 40A TO-220 STripFET Power MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

P60NH2LL Datasheet(HTML) 13 Page - STMicroelectronics

Back Button P60NH2LL Datasheet HTML 6Page - STMicroelectronics P60NH2LL Datasheet HTML 7Page - STMicroelectronics P60NH2LL Datasheet HTML 8Page - STMicroelectronics P60NH2LL Datasheet HTML 9Page - STMicroelectronics P60NH2LL Datasheet HTML 10Page - STMicroelectronics P60NH2LL Datasheet HTML 11Page - STMicroelectronics P60NH2LL Datasheet HTML 12Page - STMicroelectronics P60NH2LL Datasheet HTML 13Page - STMicroelectronics P60NH2LL Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
STP60NH2LL
Revision history
13/14
6
Revision history
Table 8.
Revision history
Date
Revision
Changes
31-May-2005
1
First release.
06-Sep-2006
2
The document has been reformatted.
31-Jan-2007
3
Typo mistake on Table 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com