Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P75NS04Z Datasheet(PDF) 3 Page - STMicroelectronics

Part # P75NS04Z
Description  N-channel Clamped - 7mohm - 80A - TO-220 Fully protected MESH Overlay III Power MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

P75NS04Z Datasheet(HTML) 3 Page - STMicroelectronics

  P75NS04Z Datasheet HTML 1Page - STMicroelectronics P75NS04Z Datasheet HTML 2Page - STMicroelectronics P75NS04Z Datasheet HTML 3Page - STMicroelectronics P75NS04Z Datasheet HTML 4Page - STMicroelectronics P75NS04Z Datasheet HTML 5Page - STMicroelectronics P75NS04Z Datasheet HTML 6Page - STMicroelectronics P75NS04Z Datasheet HTML 7Page - STMicroelectronics P75NS04Z Datasheet HTML 8Page - STMicroelectronics P75NS04Z Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
STP75NS04Z
Electrical ratings
3/12
1
Electrical ratings
Table 1.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDS
Drain-source voltage (VGS = 0)
Clamped
V
VDG
Drain-gate voltage (VGS = 0)
Clamped
V
VGS
Gate-source voltage
Clamped
V
ID
(1)
1.
Current limited by wire bonding
Drain current (continuous) at TC = 25°C
80
A
ID
Drain current (continuous) at TC = 100°C
63
A
IDG
Drain gate current (continuos)
±50
mA
IGS
Gate source current (continuos)
±50
mA
IDM
(2)
2.
Pulse with limited by safe operating area
Drain current (pulsed)
320
A
PTOT
Total dissipation at TC = 25°C
110
W
Derating factor
0.73
W/°C
VESD
Gate-source ESD (HBM-C=100pF, R=1.5K
Ω)
±8
kV
Tj
Tstg
Operating junction temperature
Storage temperature
-55 to 175
°C
Table 2.
Thermal data
Symbol
Parameter
Value
Unit
Rthj-case
Thermal resistance junction-case Max
1.36
°C/W
Rthj-amb
Thermal resistance junction-ambient Max
62.5
°C/W
Tl
Maximum lead temperature for soldering purpose
300
°C
Table 3.
Avalanche data
Symbol
Parameter
Value
Unit
EAS
Single pulse avalanche energy (starting Tj=25°C,
ID=IAR, VDD=25V)
470
mJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com