Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P75NS04Z Datasheet(PDF) 5 Page - STMicroelectronics

Part # P75NS04Z
Description  N-channel Clamped - 7mohm - 80A - TO-220 Fully protected MESH Overlay III Power MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

P75NS04Z Datasheet(HTML) 5 Page - STMicroelectronics

  P75NS04Z Datasheet HTML 1Page - STMicroelectronics P75NS04Z Datasheet HTML 2Page - STMicroelectronics P75NS04Z Datasheet HTML 3Page - STMicroelectronics P75NS04Z Datasheet HTML 4Page - STMicroelectronics P75NS04Z Datasheet HTML 5Page - STMicroelectronics P75NS04Z Datasheet HTML 6Page - STMicroelectronics P75NS04Z Datasheet HTML 7Page - STMicroelectronics P75NS04Z Datasheet HTML 8Page - STMicroelectronics P75NS04Z Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
STP75NS04Z
Electrical characteristics
5/12
Table 6.
Switching on/off
Symbol
Parameter
Test condictions
Min.
Typ.
Max.
Unit
td(on)
tr
Turn-on delay time
Rise time
VDD= 20V, ID = 40A
RG= 4.7 Ω, VGS= 10V,
(see Figure 12)
16
248
ns
ns
td(off)
tf
Turn-off delay time
Fall time
VDD= 20V, ID = 40A
RG= 4.7 Ω, VGS= 10V,
(see Figure 12)
53
85
ns
ns
Table 7.
Source drain diode
Symbol
Parameter
Test condictions
Min.
Typ.
Max.
Unit
ISD
ISDM
(1)
1.
Pulse width limited by safe operating area
Source-drain current
Source-drain current (pulsed)
80
320
A
A
VSD
(2)
2.
Pulsed: pulse duration=300µs, duty cycle 1.5%
Forward on Voltage
ISD=80A, VGS=0
1.5
V
trr
Qrr
IRRM
Reverse recovery time
Reverse recovery charge
Reverse recovery current
ISD=80A, di/dt = 100A/µs,
VDD=30V, Tj=150°C
(see Figure 17)
53
91
3.4
ns
nC
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com