Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

60H3LL- Datasheet(PDF) 1 Page - STMicroelectronics

Part # 60H3LL-
Description  N-channel 30V - 0.004ohm - 15A - PowerSO-8 STripFET Power MOSFET for DC-DC conversion
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

60H3LL- Datasheet(HTML) 1 Page - STMicroelectronics

  60H3LL- Datasheet HTML 1Page - STMicroelectronics 60H3LL- Datasheet HTML 2Page - STMicroelectronics 60H3LL- Datasheet HTML 3Page - STMicroelectronics 60H3LL- Datasheet HTML 4Page - STMicroelectronics 60H3LL- Datasheet HTML 5Page - STMicroelectronics 60H3LL- Datasheet HTML 6Page - STMicroelectronics 60H3LL- Datasheet HTML 7Page - STMicroelectronics 60H3LL- Datasheet HTML 8Page - STMicroelectronics 60H3LL- Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
April 2006
Rev 1
1/12
12
STSJ60NH3LL
N-channel 30V - 0.004
Ω - 15A - PowerSO-8™
STripFET™ Power MOSFET for DC-DC conversion
General features
■
Optimal RDS(on) x Qg trade-off @ 4.5 V
■
Conduction losses reduced
■
Improved junction-case thermal resistance
■
Low threshold device
Description
This device utilizes the latest advanced design
rules of ST’s proprietary STripFET™ technology.
This process coupled to unique metallization
techniques realizes the most advanced low
voltage Power MOSFET in SO-8 ever produced.
The exposed slug reduces the Rthj-c improving
the current capability.
Applications
■
Switching application
Internal schematic diagram
Type
VDSS
RDS(on)
ID
STSJ60NH3LL
30V
<0.0057
Ω
15A (2)
PowerSO-8™
DRAIN CONTACT ALSO ON THE BACKSIDE
www.st.com
Order codes
Part number
Marking
Package
Packaging
STSJ60NH3LL
60H3LL-
PowerSO-8™
Tape & reel


Similar Part No. - 60H3LL-

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
60H3A2H WINGS-60H3A2H Datasheet
104Kb / 1P
Ni-Mn BUTTON CELLS
More results

Similar Description - 60H3LL-

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STS17NF3LL STMICROELECTRONICS-STS17NF3LL Datasheet
291Kb / 8P
N-CHANNEL 30V - 0.0045 ohm - 17A SO-8 STripFET™ II MOSFET FOR DC-DC CONVERSION
Mar-2003
STS25NH3LL STMICROELECTRONICS-STS25NH3LL Datasheet
290Kb / 8P
N-CHANNEL 30V - 0.0032 ohm - 25A SO-8 STripFET™ III MOSFET FOR DC-DC CONVERSION
19-Nov-2007
STSJ100NH3LL STMICROELECTRONICS-STSJ100NH3LL Datasheet
107Kb / 6P
N-CHANNEL 30V - 0.0027 ohm - 100A PowerSO-8??STripFET??III POWER MOSFET FOR DC-DC CONVERSION
Sep-2003
STB120NH03L STMICROELECTRONICS-STB120NH03L Datasheet
421Kb / 11P
N-CHANNEL 30V - 0.005 W - 60A D2PAK STripFET III POWER MOSFET FOR DC-DC CONVERSION
Oct-2003
STS17NH3LL STMICROELECTRONICS-STS17NH3LL Datasheet
247Kb / 9P
N-channel 30V - 0.004OHM - 17A - SO-8 STripFET Power MOSFET for DC-DC conversion
01-Aug-2006
STS17NF3LL STMICROELECTRONICS-STS17NF3LL_06 Datasheet
321Kb / 12P
N-channel 30V - 0.0045ohm - 17A - SO-8 STripFET II Power MOSFET for DC-DC conversion
04-Oct-2006
STS17NH3LL STMICROELECTRONICS-STS17NH3LL_07 Datasheet
307Kb / 12P
N-channel 30V - 0.004ohm - 17A - SO-8 STripFET Power MOSFET for DC-DC conversion
09-Jan-2007
STSJ100NH3LL STMICROELECTRONICS-STSJ100NH3LL_05 Datasheet
456Kb / 11P
N-CHANNEL 30 V - 0.0032 ohm - 25 A PowerSO-8 STripFET III MOSFET FOR DC-DC CONVERSION
16-Nov-2005
STSJ80N4LLF3 STMICROELECTRONICS-STSJ80N4LLF3 Datasheet
298Kb / 12P
N-channel 40V - 0.0042Ω - 18A - PowerSO-8??STripFET™III Power MOSFET for DC-DC conversion
22-Nov-2006
STS25NH3LL STMICROELECTRONICS-STS25NH3LL Datasheet
311Kb / 11P
N-channel 30V - 0.0032Ω - 25 A - SO-8 STripFET??III Power MOSFET for DC/DC conversion
19-Nov-2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com