Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

60H3LL- Datasheet(PDF) 3 Page - STMicroelectronics

Part # 60H3LL-
Description  N-channel 30V - 0.004ohm - 15A - PowerSO-8 STripFET Power MOSFET for DC-DC conversion
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

60H3LL- Datasheet(HTML) 3 Page - STMicroelectronics

  60H3LL- Datasheet HTML 1Page - STMicroelectronics 60H3LL- Datasheet HTML 2Page - STMicroelectronics 60H3LL- Datasheet HTML 3Page - STMicroelectronics 60H3LL- Datasheet HTML 4Page - STMicroelectronics 60H3LL- Datasheet HTML 5Page - STMicroelectronics 60H3LL- Datasheet HTML 6Page - STMicroelectronics 60H3LL- Datasheet HTML 7Page - STMicroelectronics 60H3LL- Datasheet HTML 8Page - STMicroelectronics 60H3LL- Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
STSJ60NH3LL
Electrical ratings
3/12
1
Electrical ratings
Table 1.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDS
Drain-source voltage (VGS = 0)
30
V
VGS
Gate- source voltage
± 16
V
ID
(1)
1.
This value is rated according to Rthj-c
Drain current (continuous) at TC = 25°C
60
A
ID
Drain current (continuous) at TC = 100°C
37.5
A
ID
(2)
2.
This value is rated according to Rthj-pcb
Drain current (continuous) at TC = 25°C
15
A
ID
Drain current (continuous) at TC = 100°C
9.4
A
IDM
(3)
3.
Pulse width limited by safe operating area
Drain current (pulsed)
60
A
Ptot
(1)
Total dissipation at TC = 25°C
50
W
Ptot
(2)
Total dissipation at TC = 25°C
3
W
Tstg
Storage temperature
-55 to 150
°C
Tj
Operating junction temperature
Table 2.
Thermal resistance
Symbol
Parameter
Value
Unit
Rthj-case
Thermal resistance junction-case (drain) Max
2.5
°C/W
Rthj-amb
Thermal resistance junction-ambient Max
42
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com