Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5151GD16 Datasheet(PDF) 1 Page - ON Semiconductor

Part # CS5151GD16
Description  CPU 4?묪it Nonsynchronous Buck Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5151GD16 Datasheet(HTML) 1 Page - ON Semiconductor

  CS5151GD16 Datasheet HTML 1Page - ON Semiconductor CS5151GD16 Datasheet HTML 2Page - ON Semiconductor CS5151GD16 Datasheet HTML 3Page - ON Semiconductor CS5151GD16 Datasheet HTML 4Page - ON Semiconductor CS5151GD16 Datasheet HTML 5Page - ON Semiconductor CS5151GD16 Datasheet HTML 6Page - ON Semiconductor CS5151GD16 Datasheet HTML 7Page - ON Semiconductor CS5151GD16 Datasheet HTML 8Page - ON Semiconductor CS5151GD16 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
© Semiconductor Components Industries, LLC, 2006
July, 2006 − Rev. 4
1
Publication Order Number:
CS5151/D
CS5151
CPU 4−Bit Nonsynchronous
Buck Controller
The CS5151 is a 4−bit nonsynchronous N−Channel buck controller.
It is designed to provide unprecedented transient response for today’s
demanding high−density, high−speed logic. The regulator operates
using a proprietary control method, which allows a 100 ns response
time to load transients. The CS5151 is designed to operate over a
4.25−16 V range (VCC) using 12 V to power the IC and 5.0 V as the
main supply for conversion.
The CS5151 is specifically designed to power Pentium®
processors with MMX™ Technology and other high performance core
logic. It includes the following features: on board, 4−bit DAC, short
circuit protection, 1.0% output tolerance, VCC monitor, and
programmable Soft Start capability. The CS5151 is upward
compatible with the 5−bit CS5156, allowing the mother board
designer the capability of using either the CS5151 or the CS5156 with
no change in layout. The CS5151 is available in 16 pin surface mount
and DIP packages.
Features
• N−Channel Design
• Excess of 1.0 MHz Operation
• 100 ns Transient Response
• 4−Bit DAC
• Upward Compatible with 5−Bit CS5155/CS5156
• 30 ns Gate Rise/Fall Times
• 1.0% DAC Accuracy
• 5.0 V & 12 V Operation
• Remote Sense
• Programmable Soft Start
• Lossless Short Circuit Protection
• VCC Monitor
• Adaptive Voltage Positioning
• V2™ Control Topology
• Current Sharing
• Overvoltage Protection
CS5151GDR16
http://onsemi.com
XXX
= Specific Device Code
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W = Work Week
Device
Package
Shipping
ORDERING INFORMATION
CS5151GD16
SO−16
48 Units/Rail
SO−16
2500 Tape & Reel
SOIC−16
D SUFFIX
CASE 751B
1
16
DIP−16
N SUFFIX
CASE 648
16
1
CS5151
AWLYYWW
PIN CONNECTIONS
VCC1
VID3
LGND
VID2
COMP
VID1
VFB
VID0
1
VCC2
VFFB
VGATE
COFF
PGND
NC
NC
SS
1
CS5151
AWLYWW
16
MARKING
DIAGRAMS
1
16
CS5151GN16
DIP−16
25 Units/Rail


Similar Part No. - CS5151GD16

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS5151GD16 CHERRY-CS5151GD16 Datasheet
307Kb / 14P
CPU 4-Bit Nonsynchronous Buck Controller
Rev. 1/5/99
More results

Similar Description - CS5151GD16

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS5151 CHERRY-CS5151 Datasheet
307Kb / 14P
CPU 4-Bit Nonsynchronous Buck Controller
Rev. 1/5/99
CS5156 CHERRY-CS5156 Datasheet
308Kb / 14P
CPU 5-Bit Nonsynchronous Buck Controller
Rev. 1/5/99
logo
ON Semiconductor
CS5160 ONSEMI-CS5160 Datasheet
584Kb / 18P
CPU 5?묪it Synchronous Buck Controller
July, 2006 ??Rev. 6
CS5161 ONSEMI-CS5161 Datasheet
589Kb / 18P
CPU 5?묪it Synchronous Buck Controller
July, 2006 ??Rev. 12
CS5150 ONSEMI-CS5150 Datasheet
631Kb / 18P
CPU 4?묪it Synchronous Buck Controller
July, 2006 ??Rev. 5
CS5156 ONSEMI-CS5156 Datasheet
576Kb / 17P
CPU 5?묪it Nonsynchronous Buck Controller
July, 2006 ??Rev. 11
CS5157H ONSEMI-CS5157H Datasheet
432Kb / 16P
CPU 5?묪it Synchronous Buck Controller
October, 2005 ??Rev. 7
CS5158 ONSEMI-CS5158 Datasheet
607Kb / 16P
CPU 5?묪it Synchronous Buck Controller
July, 2006 ??Rev. 6
CS5150H ONSEMI-CS5150H Datasheet
623Kb / 17P
CPU 4?묪it Synchronous Buck Controller
July, 2006 ??Rev. 4
CS5151H ONSEMI-CS5151H Datasheet
560Kb / 16P
CPU 4?묪it Nonsynchronous Buck Controller
July, 2006 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com