Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5157GD16 Datasheet(PDF) 1 Page - ON Semiconductor

Part # CS5157GD16
Description  CPU 5?묪it Synchronous Buck Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5157GD16 Datasheet(HTML) 1 Page - ON Semiconductor

  CS5157GD16 Datasheet HTML 1Page - ON Semiconductor CS5157GD16 Datasheet HTML 2Page - ON Semiconductor CS5157GD16 Datasheet HTML 3Page - ON Semiconductor CS5157GD16 Datasheet HTML 4Page - ON Semiconductor CS5157GD16 Datasheet HTML 5Page - ON Semiconductor CS5157GD16 Datasheet HTML 6Page - ON Semiconductor CS5157GD16 Datasheet HTML 7Page - ON Semiconductor CS5157GD16 Datasheet HTML 8Page - ON Semiconductor CS5157GD16 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
© Semiconductor Components Industries, LLC, 2006
July, 2006 − Rev. 7
1
Publication Order Number:
CS5157/D
CS5157
CPU 5−Bit Synchronous
Buck Controller
The CS5157 is a 5−bit synchronous dual N−Channel buck
controller. It is designed to provide unprecedented transient response
for today’s demanding high−density, high−speed logic. The regulator
operates using a proprietary control method, which allows a 100 ns
response time to load transients. The CS5157 is designed to operate
over a 4.25−16 V range (VCC) using 12 V to power the IC and 5.0 V as
the main supply for conversion.
The CS5157 is specifically designed to power Pentium® II
processors and other high performance core logic. It includes the
following features: on board, 5−bit DAC, short circuit protection,
1.0% output tolerance, VCC monitor, and programmable Soft Start
capability. The CS5157 is available in 16 pin surface mount.
Features
• Dual N−Channel Design
• Excess of 1.0 MHz Operation
• 100 ns Transient Response
• 5−Bit DAC
• 30 ns Gate Rise/Fall Times
• 1.0% DAC Accuracy
• 5.0 V & 12 V Operation
• Remote Sense
• Programmable Soft Start
• Lossless Short Circuit Protection
• VCC Monitor
• 25 ns FET Nonoverlap Time
• V2™ Control Topology
• Current Sharing
• Overvoltage Protection
CS5157GDR16
http://onsemi.com
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W = Work Week
Device
Package
Shipping
ORDERING INFORMATION
CS5157GD16
SO−16
48 Units/Rail
SO−16
2500 Tape & Reel
SOIC−16
D SUFFIX
CASE 751B
PIN CONNECTIONS
1
CS5157
AWLYWW
16
MARKING
DIAGRAM
1
16
VCC2
VFFB
1
16
VGATE(H)
COFF
PGND
VID4
VGATE(L)
SS
VCC1
VID3
LGND
VID2
COMP
VID1
VFB
VID0


Similar Part No. - CS5157GD16

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS5157GD16 CHERRY-CS5157GD16 Datasheet
316Kb / 14P
CPU 5-Bit Synchronous Buck Controller
Rev. 12/31/98
More results

Similar Description - CS5157GD16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS5159 ONSEMI-CS5159 Datasheet
607Kb / 16P
CPU 5?묪it Synchronous Buck Controller
July, 2006 ??Rev. 5
CS5160 ONSEMI-CS5160 Datasheet
584Kb / 18P
CPU 5?묪it Synchronous Buck Controller
July, 2006 ??Rev. 6
CS5161 ONSEMI-CS5161 Datasheet
589Kb / 18P
CPU 5?묪it Synchronous Buck Controller
July, 2006 ??Rev. 12
CS5165A ONSEMI-CS5165A Datasheet
497Kb / 18P
5?묪it Synchronous CPU Buck Controller
October, 2005 ??Rev. 1
CS5155 ONSEMI-CS5155 Datasheet
635Kb / 18P
CPU 5?묪it Synchronous Buck Controller
July, 2006 ??Rev. 4
CS5155H ONSEMI-CS5155H Datasheet
623Kb / 17P
CPU 5?묪it Synchronous Buck Controller
July, 2006 ??Rev. 3
CS5157H ONSEMI-CS5157H Datasheet
432Kb / 16P
CPU 5?묪it Synchronous Buck Controller
October, 2005 ??Rev. 7
CS5158 ONSEMI-CS5158 Datasheet
607Kb / 16P
CPU 5?묪it Synchronous Buck Controller
July, 2006 ??Rev. 6
CS5165 ONSEMI-CS5165 Datasheet
718Kb / 21P
5?묪it Synchronous CPU Buck Controller
July, 2006 ??Rev. 4
CS5165H ONSEMI-CS5165H Datasheet
722Kb / 21P
5?묪it Synchronous CPU Buck Controller
July, 2006 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com