Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5159 Datasheet (PDF) - ON Semiconductor

CS5159 Datasheet PDF - ON Semiconductor
Part # CS5159
Download  CS5159 Download
File Size   607.45 Kbytes
Page   16 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description CPU 5?묪it Synchronous Buck Controller

CS5159 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS5159 Datasheet PDF - ON Semiconductor

Part # CS5159
Download  CS5159 Click to download

File Size   607.45 Kbytes
Page   16 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description CPU 5?묪it Synchronous Buck Controller

CS5159 Datasheet (HTML) - ON Semiconductor


CS5159 Product details

CPU 5−Bit Synchronous Buck Controller

The CS5159 is a 5−bit synchronous dual N−Channel buck controller. It is designed to provide unprecedented transient response for today’s demanding high−density, high−speed logic. The regulator operates using a proprietary control method, which allows a 100 ns response time to load transients. The CS5159 is designed to operate over a 4.25−16 V range (VCC) using 12 V to power the IC and 5.0 V or 12V as the main supply for conversion.

Features
• Dual N−Channel Design
• Excess of 1.0 MHz Operation
• 100 ns Transient Response
• 5−Bit DAC
• Backward Compatible with Adjustable CS5157
• 30 ns Gate Rise/Fall Times
• 1.0% DAC Accuracy
• 5.0 V & 12 V Operation
• Remote Sense
• Programmable Soft Start
• Lossless Short Circuit Protection
• VCC Monitor
• 25 ns FET Nonoverlap Time
• V2™ Control Topology
• Current Sharing
• Overvoltage Protection




Similar Part No. - CS5159

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS5150 CHERRY-CS5150 Datasheet
236Kb / 14P
CPU 4-Bit Synchronous Buck Controller
Rev. 1/4/99
logo
ON Semiconductor
CS5150 ONSEMI-CS5150 Datasheet
631Kb / 18P
CPU 4?묪it Synchronous Buck Controller
July, 2006 ??Rev. 5
logo
Cherry Semiconductor Co...
CS5150GD16 CHERRY-CS5150GD16 Datasheet
236Kb / 14P
CPU 4-Bit Synchronous Buck Controller
Rev. 1/4/99
logo
ON Semiconductor
CS5150GD16 ONSEMI-CS5150GD16 Datasheet
631Kb / 18P
CPU 4?묪it Synchronous Buck Controller
July, 2006 ??Rev. 5
logo
Cherry Semiconductor Co...
CS5150GDR16 CHERRY-CS5150GDR16 Datasheet
236Kb / 14P
CPU 4-Bit Synchronous Buck Controller
Rev. 1/4/99
More results


Similar Description - CS5159

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS5160 ONSEMI-CS5160 Datasheet
584Kb / 18P
CPU 5?묪it Synchronous Buck Controller
July, 2006 ??Rev. 6
CS5161 ONSEMI-CS5161 Datasheet
589Kb / 18P
CPU 5?묪it Synchronous Buck Controller
July, 2006 ??Rev. 12
CS5165A ONSEMI-CS5165A Datasheet
497Kb / 18P
5?묪it Synchronous CPU Buck Controller
October, 2005 ??Rev. 1
CS5155 ONSEMI-CS5155 Datasheet
635Kb / 18P
CPU 5?묪it Synchronous Buck Controller
July, 2006 ??Rev. 4
CS5155H ONSEMI-CS5155H Datasheet
623Kb / 17P
CPU 5?묪it Synchronous Buck Controller
July, 2006 ??Rev. 3
CS5157 ONSEMI-CS5157 Datasheet
603Kb / 16P
CPU 5?묪it Synchronous Buck Controller
July, 2006 ??Rev. 7
CS5157H ONSEMI-CS5157H Datasheet
432Kb / 16P
CPU 5?묪it Synchronous Buck Controller
October, 2005 ??Rev. 7
CS5158 ONSEMI-CS5158 Datasheet
607Kb / 16P
CPU 5?묪it Synchronous Buck Controller
July, 2006 ??Rev. 6
CS5165 ONSEMI-CS5165 Datasheet
718Kb / 21P
5?묪it Synchronous CPU Buck Controller
July, 2006 ??Rev. 4
CS5165H ONSEMI-CS5165H Datasheet
722Kb / 21P
5?묪it Synchronous CPU Buck Controller
July, 2006 ??Rev. 5
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com