Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5159 Datasheet(PDF) 8 Page - ON Semiconductor

Part # CS5159
Description  CPU 5?묪it Synchronous Buck Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5159 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button CS5159 Datasheet HTML 4Page - ON Semiconductor CS5159 Datasheet HTML 5Page - ON Semiconductor CS5159 Datasheet HTML 6Page - ON Semiconductor CS5159 Datasheet HTML 7Page - ON Semiconductor CS5159 Datasheet HTML 8Page - ON Semiconductor CS5159 Datasheet HTML 9Page - ON Semiconductor CS5159 Datasheet HTML 10Page - ON Semiconductor CS5159 Datasheet HTML 11Page - ON Semiconductor CS5159 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
CS5159
http://onsemi.com
8
the Soft Start COMP clamp and the voltage on the Soft Start
pin (see Figures 4 and 5).
Figure 4. CS5159 Demonstration Board Startup in
Response to Increasing 12 V and 5.0 V Input Voltages.
Extended Off Time is Followed by Normal Off Time
Operation when Output Voltage Achieves Regulation to
the Error Amplifier Output.
M 250 μs
Trace 3− 12 V Input (VCC1 and VCC2) (5.0 V/div.)
Trace 1− Regulator Output Voltage (1.0 V/div.)
Trace 4− 5.0 V Input (1.0 V/div.)
Trace 2− Inductor Switching Node (2.0 V/div.)
Figure 5. CS5159 Demonstration Board Startup
Waveforms
M 2.50 ms
Trace 3− COMP PIn (error amplifier output) (1.0 V/div.)
Trace 1− Regulator Output Voltage (1.0 V/div.)
Trace 4− Soft Start Pin (2.0 V/div.)
If the input voltage rises quickly, or the regulator output
is enabled externally, output voltage will increase to the
level set by the error amplifier output more rapidly, usually
within a couple of cycles (see Figure 6).
Figure 6. CS5159 Demonstration Board Enable Startup
Waveforms
M 10.0 μs
Trace 1− Regulator Output Voltage (5.0 V/div.)
Trace 2− Inductor Switching Node (5.0 V/div.)
Normal Operation
During normal operation, switch off time is constant and
set by the COFF capacitor. Switch on time is adjusted by the
V2 control loop to maintain regulation. This results in
changes in regulator switching frequency, duty cycle, and
output ripple in response to changes in load and line. Output
voltage ripple will be determined by inductor ripple current
working into the ESR of the output capacitors (see Figures
7 and 8).
Figure 7. Peak−to−Peak Ripple on VOUT = 2.8 V,
IOUT = 0.5 A (Light Load)
M 1.00 μs
Trace 1− Regulator Output Voltage (10 mV/div.)
Trace 2− Inductor Switching Node (5.0 V/div.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com