Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5159 Datasheet(PDF) 9 Page - ON Semiconductor

Part # CS5159
Description  CPU 5?묪it Synchronous Buck Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5159 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button CS5159 Datasheet HTML 5Page - ON Semiconductor CS5159 Datasheet HTML 6Page - ON Semiconductor CS5159 Datasheet HTML 7Page - ON Semiconductor CS5159 Datasheet HTML 8Page - ON Semiconductor CS5159 Datasheet HTML 9Page - ON Semiconductor CS5159 Datasheet HTML 10Page - ON Semiconductor CS5159 Datasheet HTML 11Page - ON Semiconductor CS5159 Datasheet HTML 12Page - ON Semiconductor CS5159 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
CS5159
http://onsemi.com
9
Figure 8. Peak−to−Peak Ripple on VOUT = 2.8 V,
IOUT = 13 A (Heavy Load)
M 1.00 μs
Trace 1− Regulator Output Voltage (10 mV/div.)
Trace 2− Inductor Switching Node (5.0 V/div.)
Transient Response
The CS5159 V2 control loop’s 100 ns reaction time
provides unprecedented transient response to changes in
input voltage or output current. Pulse by pulse adjustment of
duty cycle is provided to quickly ramp the inductor current
to the required level. Since the inductor current cannot be
changed instantaneously, regulation is maintained by the
output capacitor(s) during the time required to slew the
inductor current.
For best transient response, a combination of a number of
high frequency and bulk output capacitors are usually used.
If the maximum on time is exceeded while responding to
a sudden increase in load current, a normal off time occurs
to prevent saturation of the output inductor.
Figure 9. CS5159 Demonstration Board Response to
a 0.5 to 13 A Load Pulse (Output Set for 2.8 V)
Trace 2− Regulator Output Voltage (20 V/div.)
Trace 1− Regulator Output Voltage (1.0 V/div.)
Figure 10. CS5159 Demonstration Board Response to
13 A Load Turn On (Output Set for 2.8 V). Upon
Completing a Normal Off Time, The V2 Control Loop
Immediately Connects the Inductor to the Input
Voltage, Providing 100% Duty Cycle. Regulation is
Achieved in Less Than 20 ms
Trace 1− Regulator Output Voltage (100 mV/div.)
Trace 2− Inductor Switching Node (5.0 V/div.)
Trace 3− Output Current (0.5 to 13 Amps) (10 A/div.)
Figure 11. CS5159 Demonstration Board Response to
13 A Load Turn Off (Output Set for 2.8 V). V2 Control
Topology Immediately Connects Inductor to Ground,
Providing 0% Duty Cycle. Regulation is Achieved in
Less Than 10 ms
Trace 3− Output Current (13 to 0,5 Amps) (10 A/div.)
Trace 2− Inductor Switching Node (5.0 V/div.)
Trace 1− Regulator Output Voltage (100 mV/div.)
PROTECTION AND MONITORING FEATURES
VCC1 Monitor
To maintain predictable startup and shutdown
characteristics an internal VCC1 monitor circuit is used to
prevent the part from operating below 3.75 V minimum
startup. The VCC1 monitor comparator provides hysteresis
and guarantees a 3.70 V minimum shutdown threshold.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com