Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5159 Datasheet(PDF) 13 Page - ON Semiconductor

Part # CS5159
Description  CPU 5?묪it Synchronous Buck Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5159 Datasheet(HTML) 13 Page - ON Semiconductor

Back Button CS5159 Datasheet HTML 8Page - ON Semiconductor CS5159 Datasheet HTML 9Page - ON Semiconductor CS5159 Datasheet HTML 10Page - ON Semiconductor CS5159 Datasheet HTML 11Page - ON Semiconductor CS5159 Datasheet HTML 12Page - ON Semiconductor CS5159 Datasheet HTML 13Page - ON Semiconductor CS5159 Datasheet HTML 14Page - ON Semiconductor CS5159 Datasheet HTML 15Page - ON Semiconductor CS5159 Datasheet HTML 16Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
CS5159
http://onsemi.com
13
A heatsink may be added to TO−220 components to
reduce their thermal impedance. A number of PC board
layout techniques such as thermal vias and additional copper
foil area can be used to improve the power handling
capability of surface mount components.
EMI Management
As a consequence of large currents being turned on and off
at high frequency, switching regulators generate noise as a
consequence of their normal operation. When designing for
compliance with EMI/EMC regulations, additional
components may be added to reduce noise emissions. These
components are not required for regulator operation and
experimental results may allow them to be eliminated. The
input filter inductor may not be required because bulk filter
and bypass capacitors, as well as other loads located on the
board will tend to reduce regulator di/dt effects on the circuit
board and input power supply. Placement of the power
component to minimize routing distance will also help to
reduce emissions.
Figure 20. Filter Components
1000 pF
33 Ω
2.0 μH
Figure 21. Input Filter
1200 pF × 3.0/16 V
2.0 μH
+
Layout Guidelines
1. Place 12 V filter capacitor next to the IC and connect
capacitor ground to pin 11 (PGND).
2. Connect pin 11 (PGND) with a separate trace to the
ground terminals of the 5.0 V input capacitors.
3. Place fast feedback filter capacitor next to pin 8 (VFFB)
and connect it’s ground terminal with a separate, wide
trace directly to pin 14 (LGND).
4. Connect the ground terminals of the Compensation
capacitor directly to the ground of the fast feedback
filter capacitor to prevent common mode noise from
effecting the PWM comparator.
5. Place the output filter capacitor(s) as close to the load
as possible and connect the ground terminal to pin 14
(LGND).
6. Connect the VFBpin directly to the load with a separate
trace (remote sense).
7. Place 5.0 V input capacitors close to the switching
MOSFET and synchronous MOSFET.
Route gate drive signals VGATE(H) (pin 10) and VGATE(L)
(pin 12 when used) with traces that are a minimum of 0.025
inches wide.
Figure 22. Layout Guidelines
To the negative terminal of the output capacitors
VCC
100 pF
0.1 μF
SOFT START
OFF TIME
VCOMP
To the negative terminal
of the input capacitors
15
11
5
8
VFFB
1.0 μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com