Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5165 Datasheet(PDF) 16 Page - ON Semiconductor

Part # CS5165
Description  5?묪it Synchronous CPU Buck Controller
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5165 Datasheet(HTML) 16 Page - ON Semiconductor

Back Button CS5165 Datasheet HTML 12Page - ON Semiconductor CS5165 Datasheet HTML 13Page - ON Semiconductor CS5165 Datasheet HTML 14Page - ON Semiconductor CS5165 Datasheet HTML 15Page - ON Semiconductor CS5165 Datasheet HTML 16Page - ON Semiconductor CS5165 Datasheet HTML 17Page - ON Semiconductor CS5165 Datasheet HTML 18Page - ON Semiconductor CS5165 Datasheet HTML 19Page - ON Semiconductor CS5165 Datasheet HTML 20Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
CS5165
http://onsemi.com
16
It is therefore required that the output voltage attains an
out of regulation or in regulation level for at least the built−in
delay time duration before the Power Good signal can
change state.
Figure 25. Power Good is Insensitive to Out of
Regulation Conditions that are Present for a
Duration Less Than the Built In Delay
Trace 4− VFB (1.0 V/div.)
Trace 2− PWRGD (2.0 V/div.)
Selecting External Components
The CS5165 buck regulator can be used with a wide range
of external power components to optimize the cost and
performance of a particular design. The following
information can be used as general guidelines to assist in
their selection.
NFET Power Transistors
Both logic level and standard FETs can be used. The
reference designs derive gate drive from the 12 V supply
which is generally available in most computer systems and
utilize logic level FETs. A charge pump may be easily
implemented to support 5.0 V only systems. Multiple FET’s
may be paralleled to reduce losses and improve efficiency
and thermal management.
Voltage applied to the FET gates depends on the
application circuit used. Both upper and lower gate driver
outputs are specified to drive to within 1.5 V of ground when
in the low state and to within 2.0 V of their respective bias
supplies when in the high state. In practice, the FET gates
will be driven rail to rail due to overshoot caused by the
capacitive load they present to the controller IC. For the
typical application where VCC = 12 V and 5.0 V is used as
the source for the regulator output current, the following
gate drive is provided:
VGS(BOTTOM) + 12 V
VGS(TOP) + 12 V * 5.0 V + 7.0 V
(see Figure 26)
Figure 26. Gate Drive Waveforms Depicting
Rail to Rail Swing
Trace 3− GATE(H) (10 V/div.)
Trace 1− GATE(H) − 5.0 VIN
Trace 4− GATE(L) (10 V/div.)
Trace 2− Inductor Switching Node (5.0 V/div.)
Figure 27. Normal Operation Showing the Guaranteed
Non−Overlap Time Between the High and Low−Side
MOSFET Gate Drives, ILOAD = 14 A
Trace 1 = GATE(H) (5.0 V/div.)
Trace 2 = GATE(L) (5.0 V/div.)
@ 2.2 V
The CS5165 provides adaptive control of the external
NFET conduction times by guaranteeing a typical 65 ns
non−overlap between the upper and lower MOSFET gate
drive pulses. This feature eliminates the potentially
catastrophic effect of “shoot−through current”, a condition
during which both FETs conduct causing them to overheat,
self−destruct, and possibly inflict irreversible damage to the
processor.
The most important aspect of FET performance is
RDSON, which effects regulator efficiency and FET thermal
management requirements.
The power dissipated by the MOSFETs may be estimated
as follows:
Switching MOSFET:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com