Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5165 Datasheet(PDF) 3 Page - ON Semiconductor

Part # CS5165
Description  5?묪it Synchronous CPU Buck Controller
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5165 Datasheet(HTML) 3 Page - ON Semiconductor

  CS5165 Datasheet HTML 1Page - ON Semiconductor CS5165 Datasheet HTML 2Page - ON Semiconductor CS5165 Datasheet HTML 3Page - ON Semiconductor CS5165 Datasheet HTML 4Page - ON Semiconductor CS5165 Datasheet HTML 5Page - ON Semiconductor CS5165 Datasheet HTML 6Page - ON Semiconductor CS5165 Datasheet HTML 7Page - ON Semiconductor CS5165 Datasheet HTML 8Page - ON Semiconductor CS5165 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
CS5165
http://onsemi.com
3
ABSOLUTE MAXIMUM RATINGS
Pin Name
Pin Symbol
VMAX
VMIN
ISOURCE
ISINK
IC Power Input
VCC
16 V
−0.3 V
N/A
1.5 A peak, 200 mA DC
Soft Start Capacitor
SS
6.0 V
−0.3 V
200 μA
10 μA
Compensation Capacitor
COMP
6.0 V
−0.3 V
10 mA
1.0 mA
Voltage Feedback Input
VFB
6.0 V
−0.3 V
10 μA
10 μA
Off−Time Capacitor
COFF
6.0 V
−0.3 V
1.0 mA
50 mA
Voltage ID DAC Inputs
VID0−VID4
6.0 V
−0.3 V
1.0 mA
10 μA
High−Side FET Driver
GATE(H)
16 V
−0.3 V
1.5 A peak, 200 mA DC
1.5 A peak, 200 mA DC
Low−Side FET Driver
GATE(L)
16 V
−0.3 V
1.5 A peak, 200 mA DC
1.5 A peak, 200 mA DC
Enable Input
ENABLE
6.0 V
−0.3 V
100 μA
1.0 mA
Power Good Output
PWRGD
6.0 V
−0.3 V
10 μA
30 mA
Power Ground
PGND
0 V
0 V
1.5 A peak, 200 mA DC
N/A
Logic Ground
LGND
0 V
0 V
100 mA
N/A
ELECTRICAL CHARACTERISTICS (0°C < TA < +70°C; 0°C < TJ < +125°C; 8.0 V < VCC < 14 V; 2.8 DAC Code:
(VID4 = VID2 = VID1 = VID0 = 1; VID3 = 0); CGATE(H) and CGATE(L) = 3.3 nF; COFF = 330 pF; CSS = 0.1 μF, unless otherwise specified.)
Characteristic
Test Conditions
Min
Typ
Max
Unit
VCC Supply Current
Operating
1.0 V < VFB < VDAC (max on−time)
No Loads on GATE(H) and GATE(L)
−
12
20
mA
Sleep Mode
ENABLE = 0 V
−
300
600
μA
VCC Monitor
Start Threshold
GATE(H) switching
3.75
3.95
4.15
V
Stop Threshold
GATE(H) not switching
3.65
3.87
4.05
V
Hysteresis
Start−Stop
−
80
−
mV
Error Amplifier
VFB Bias Current
VFB = 0 V
−
0.1
1.0
μA
COMP Source Current
COMP = 1.2 V to 3.6 V; VFB = 2.7 V
15
30
60
μA
COMP CLAMP Voltage
VFB = 2.7 V, Adjust COMP voltage for Comp
current = 50 μA
0.85
1.0
1.15
V
COMP Clamp Current
COMP = 0 V
0.4
1.0
1.6
mA
COMP Sink Current
VCOMP = 1.2 V; VFB = 3.0 V; VSS > 2.5 V
180
400
800
μA
Open Loop Gain
Note 2
50
60
−
dB
Unity Gain Bandwidth
Note 2
0.5
2.0
−
MHz
PSRR @ 1.0 kHz
Note 2
60
85
−
dB
GATE(H) and GATE(L)
High Voltage at 100 mA
Measure VCC − GATE
−
1.2
2.0
V
Low Voltage at 100 mA
Measure GATE
−
1.0
1.5
V
Rise Time
1.6 V < GATE < (VCC − 2.5 V)
−
40
80
ns
Fall Time
(VCC − 2.5 V) > GATE > 1.6 V
−
40
80
ns
GATE(H) to GATE(L) Delay
GATE(H) < 2.0 V; GATE(L) > 2.0 V
30
65
100
ns
GATE(L) to GATE(H) Delay
GATE(L) < 2.0 V; GATE(H) > 2.0 V
30
65
100
ns
GATE pull−down
Resistor to PGND, Note 2
20
50
115
kΩ
2. Guaranteed by design, not 100% tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com