Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P6KEXXXXRL Datasheet(PDF) 1 Page - STMicroelectronics

Part # P6KEXXXXRL
Description  TRANSIL
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

P6KEXXXXRL Datasheet(HTML) 1 Page - STMicroelectronics

  P6KEXXXXRL Datasheet HTML 1Page - STMicroelectronics P6KEXXXXRL Datasheet HTML 2Page - STMicroelectronics P6KEXXXXRL Datasheet HTML 3Page - STMicroelectronics P6KEXXXXRL Datasheet HTML 4Page - STMicroelectronics P6KEXXXXRL Datasheet HTML 5Page - STMicroelectronics P6KEXXXXRL Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
®
1/6
P6KE
TRANSIL™
REV. 5
DO-15
(DO-204AC)
October 2004
FEATURES
■ Peak pulse power: 600 W (10/1000 µs )
■ Stand-off voltage range 6.8 to 440V
■ Unidirectional and Bidirectional types
■ Low clamping factor
■ Fast response time
■ UL recognized
DESCRIPTION
Transil diodes provide high overvoltage protection
by clamping action. Their instantaneous response
to transient overvoltages makes them particularly
suited to protect voltage sensitive devices such as
MOS Technology and low voltage supplied IC’s.
Table 2: Absolute Maximum Ratings (Tamb = 25°C)
Table 3: Thermal Resistances
Symbol
Parameter
Value
Unit
PPP
Peak pulse power dissipation (see note 1)
Tj initial = Tamb
600
W
P
Power dissipation on infinite heatsink
Tamb = 75°C
5W
IFSM
Non repetitive surge peak forward current
tp = 10 ms
Tj initial = Tamb
100
A
Tstg
Tj
Storage temperature range
Maximum junction temperature
-65 to 175
175
°C
TL
Maximum lead temperature for soldering during 10 s at 5mm from
case
230
°C
Note 1: For a surge greater than the maximum values, the diode will fail in short-circuit.
Symbol
Parameter
Value
Unit
Rth(j-l)
Junction to leads
20
°C/W
Rth(j-a)
Junction to ambient on printed circuit. Llead = 10mm
75
°C/W
Table 1: Order Codes
Part Number
Marking
P6KExxxx
See page 2


Similar Part No. - P6KEXXXXRL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
P6KEXXXA ONSEMI-P6KEXXXA Datasheet
69Kb / 7P
600 Watt Peak Power Surmetic TM -40 Transient Voltage Suppressors
February, 2007 ??Rev. 8
P6KEXXXAG ONSEMI-P6KEXXXAG Datasheet
69Kb / 7P
600 Watt Peak Power Surmetic TM -40 Transient Voltage Suppressors
February, 2007 ??Rev. 8
P6KEXXXARL ONSEMI-P6KEXXXARL Datasheet
69Kb / 7P
600 Watt Peak Power Surmetic TM -40 Transient Voltage Suppressors
February, 2007 ??Rev. 8
P6KEXXXARLG ONSEMI-P6KEXXXARLG Datasheet
69Kb / 7P
600 Watt Peak Power Surmetic TM -40 Transient Voltage Suppressors
February, 2007 ??Rev. 8
P6KEXXXCA ONSEMI-P6KEXXXCA Datasheet
204Kb / 7P
600 Watt Peak Power Surmetic??0 Zener Transient Voltage Suppressors
August, 2006 ??Rev. 4
More results

Similar Description - P6KEXXXXRL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SM4T6V8 STMICROELECTRONICS-SM4T6V8 Datasheet
126Kb / 7P
TRANSIL
Nov-1992
ESDA14V2BP6 STMICROELECTRONICS-ESDA14V2BP6 Datasheet
32Kb / 5P
TRANSIL?
Mar-2003
SM2T STMICROELECTRONICS-SM2T_05 Datasheet
54Kb / 6P
TRANSIL?
14-Jan-2005
SMAJ STMICROELECTRONICS-SMAJ Datasheet
152Kb / 6P
TRANSIL
10-Feb-2006
SMBJ5.0A-TR STMICROELECTRONICS-SMBJ5.0A-TR Datasheet
133Kb / 10P
Transil
20-Oct-2010
SM6T56CA STMICROELECTRONICS-SM6T56CA Datasheet
125Kb / 10P
Transil
20-Oct-2010
15KE250CA STMICROELECTRONICS-15KE250CA Datasheet
142Kb / 10P
Transil
12-Mar-2012
BZW04-13 STMICROELECTRONICS-BZW04-13 Datasheet
124Kb / 6P
TRANSIL
Feb-2003
BZW06-28B STMICROELECTRONICS-BZW06-28B Datasheet
176Kb / 6P
TRANSIL
Feb-2003
SMCJ STMICROELECTRONICS-SMCJ Datasheet
129Kb / 10P
Transil?
12-Jul-2010
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com