Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P6KEXXXXRL Datasheet(PDF) 5 Page - STMicroelectronics

Part # P6KEXXXXRL
Description  TRANSIL
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

P6KEXXXXRL Datasheet(HTML) 5 Page - STMicroelectronics

  P6KEXXXXRL Datasheet HTML 1Page - STMicroelectronics P6KEXXXXRL Datasheet HTML 2Page - STMicroelectronics P6KEXXXXRL Datasheet HTML 3Page - STMicroelectronics P6KEXXXXRL Datasheet HTML 4Page - STMicroelectronics P6KEXXXXRL Datasheet HTML 5Page - STMicroelectronics P6KEXXXXRL Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
P6KE
5/6
Figure 11: DO-15 (DO-204AC) Package Mechanical Data
A
C
C
D
B
Table 5: Ordering Information
Part Number
Marking
Package
Weight
Base qty
Delivery mode
P6KExxxx
See page 2
DO-15
0.4 g
1000
Ammopack
P6KExxxxRL
6000
Tape & reel
Marking: Logo, data code, type code, cathode band (for unidirectional types only)
Table 6: Revision History
Date
Revision
Description of Changes
Feb-2003
4B
Last update.
Oct-2004
5
1/ Note 5, figure 7 on page 4, updated from VBR > 220V to
VBR ≥ 200V.
2/ Types table on page 2: IPP (@10/1000µs) changed for
P6KE220xx to P6KE440xx
REF.
DIMENSIONS
Millimeters
Inches
Min.
Max.
Min.
Max.
A
6.05
6.75
0.238
0.266
B
2.95
3.53
0.116
0.139
C
26
31
1.024
1.220
D
0.71
0.88
0.028
0.035



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com