Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA6592FS Datasheet(PDF) 2 Page - Rohm

Part # BA6592FS
Description  RGB TO NTSC/PA L ENCODER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA6592FS Datasheet(HTML) 2 Page - Rohm

  BA6592FS Datasheet HTML 1Page - Rohm BA6592FS Datasheet HTML 2Page - Rohm BA6592FS Datasheet HTML 3Page - Rohm BA6592FS Datasheet HTML 4Page - Rohm BA6592FS Datasheet HTML 5Page - Rohm BA6592FS Datasheet HTML 6Page - Rohm BA6592FS Datasheet HTML 7Page - Rohm BA6592FS Datasheet HTML 8Page - Rohm BA6592FS Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
RDHm
prOduct��1*"@]m
��BA6592F/BA�592FS
��a�!f.¥'li
( !f.¥ I;:
t�JE0)1J �\�.N t) Ta=25°C. VCC=5V. XTAL=3.58MHz. NT/PAL=H, SW=H.
nH�f�
Parameter
Symbol
Unit
'�JJ\ �� �*
ICC
-
38
-
rnA
AR
AJJ
I.-�)L, VR
-
-
0.7
Vp-p
AG
AJJ
I.-.�)L, VG
-
-
0.7
VP -p
AB
AJJ
I.-�)L, VB
-
-
0.7
Vp-p
(R-Y)O
1±lJJ
I.-�)L, VR-Y 0.30 0.42 0.55 VP -p
(B-Y)O
1±lJJ
I.-�)L, Va-y 0.20 0.31 0.42 VP -p
YO
1±lJJ
I.-�)lt VYO
0.95
1.4
1.8
Vp-p
CO
1±lJJ
I.-�)lt Vco
1.6
2.3
3.1
Vp-P
va
1±lJJ
I.-�)lt Vvo
1.15
1.5
1.77
VP - P
SYNC
I.-�)lt
Vs
0.35
0.55
0.7
VP -p
BURST
I.-�)lt
Vs
0.25
0.46
0.80
Vp-p
SYNC/YO
I.-�)lttt;
R Sy
0.25
0.41
0.55
(R-Y)O
@:5nf1±lJJ �J±
v R-Y
2.2
3.2
4.15
V
(B-Y)O
@:5nf1±l
t.J�J± v a-y 2.2 3.2 4.15 V
YO
@:5nf1±l t.J�J± v YO
1.45
2.1
2.8
V
CO
@:5nf1±l
t.J�J± v co
1.85
2.6
3.45
V
VO
ffi!5nf1±l
t.J�J± v va
1.4
2.0
2.7
V
(R-Y)
��;fIH�
GR-Y
8.5
10.5
12.5
dB
(B-Y)
��;fljf�
Ga-y
9
11
13
dB
GR-B
-
-
2
dB
(R-Y)-(B-Y)
�R
-9
+1
+11
deg
@xlft1§.::(I.-
(R-Y)-BURST
@xlfL1§XI.-
�B
-14
-4
+6
deg
:t- "\7 I) )" I) - ?
Lsc
-
50
80
rnVp-p
(13) � O)l�§ I;:"J �\L(d:��t1*ill C l £ 90
SW5�21;:t.JJt)�;tL���� l£90
(14) BUR S T f� 3
.5J.l SB�;a.��lj�l £90
Ta=Orv50°CB�0)1�C-90
Date
2/ 12/25
A4 .2' .12( 1 X100X70) Y
ROHM CO., LTD.
Condition
VR=VG=VB =0.7Vp-p
VR=O.7Vp- p V G=VS=O
v8=0.7Vp-p VR=VG=O
VR=VG=Va=0.7VP - P
�R-YP=O.3Vp-p
B-Y I=0.2Vp-p
YI=0.7Vp-p
(R-Y)I=(B-Y)I=O
R SY=Vs/VYO
VR=VG=V8=0
VR=VG=V8=0
VR=VG=V8=0
(R-Y)I=(B-Y)I=O
(R-Y)I=(B-Y)I=YI=O
�R-Y�I=0.3Vp-p,
B-Y I=YI=O
�B-Y�I=0.2Vp-p.
R-Y I=YI=O
GR-B=
I GR-y-GB-Y I
�R-Yp=0.3Vp-p
B-Y I=O.2Vp-p
(;13)
�R-Yp=O.3Vp-p
B-Y I=O.2Vp-p
(�13)
(R-Y)I=(B-Y)I=O
(�14)
Specification
Specification No.
--
Page2/15
SW5=1)
Test
Circ1rit
�4
�4
�4
�4
�4
�4
�4
�4
�4
�4
�4
�4
�4
�4
�4
�4
�4
�4
�4
�4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com