Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA6592FS Datasheet(PDF) 7 Page - Rohm

Part # BA6592FS
Description  RGB TO NTSC/PA L ENCODER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA6592FS Datasheet(HTML) 7 Page - Rohm

Back Button BA6592FS Datasheet HTML 3Page - Rohm BA6592FS Datasheet HTML 4Page - Rohm BA6592FS Datasheet HTML 5Page - Rohm BA6592FS Datasheet HTML 6Page - Rohm BA6592FS Datasheet HTML 7Page - Rohm BA6592FS Datasheet HTML 8Page - Rohm BA6592FS Datasheet HTML 9Page - Rohm BA6592FS Datasheet HTML 10Page - Rohm BA6592FS Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
RDHm
PrOductS*����@]]lg
��BA6592F/BA6592FS_
Page
/
7- 15
�
1 !l�-T��BJI�
*� �2.�
1
(R-Y) 0
2 GND
3 pep
4 SW
5 vee
6 eo
7
VO
8
SYNe
9 YI
10
(B-Y) I
11
(R-Y) I
12 BLA
13 ve
14 VB
15 VA
16 BFP
17 PHA
18 PD�
19 NT/PAL
20 AR
21 AG
22 AB
23 YO
24
(B-Y) 0
A4
·z·
.12(
1
Xl00X20)
Y
�
�
,@�ffi� tfj:tJ
GND
pep
J...:tJ
A1'VT
vee
,@ffi�
tfj:tJ
::J >i:K::; 'v
�tfj:tJ
SYNe J...:tJ
�JJ[ffi� J...:tJ
,@�ffi� J...:tJ
��ffi� J...tJ
/'\'-7,.
� v/'Z)/.-�Jl
vexo
J...:tJ
vexo
J...:tJ
vexo
tfj:tJ
BFP
J...:tJ
APC
�Jl
l1L;t§�).&:� tfj:tJ
NTSC/PAL�:j:RJ...:tJ
RffiiiS-
J...:tJ
Gffi�
J...:tJ
BffiiiS-
J...:tJ
�JJ[ffi� tfj:tJ
��ffi� tfj:tJ
��
BJI
ER-EY signal output
GND (;:l���o
Pedestal Clamp Pulse input (negative logic)
H(;:l!!!lJ1:o
vee
'-
Chroma sigunal output
Composite signal output (NTSC or PAL)
SYNC signal input
Luminance signal input
EB-EY signal input
ER-EY signal input
1J 5-/\-7,. �
ffi�tJN$��JlJfP¥:I!!!lJ1:Ig;:jlij���
VCXO delay phase input
VCXO input
vcxo output
Burst Flag Pulse input (negative logic)
1J 5-/'\'-7,.
�ffi�f1L;t§�Jlm*l!!!lJ1:tg;ml���
PLL(})7 l' )/.-9 -�l��,�o
H=NTSe, L=PAL
Analog R signal input
Analog
G signal input
Analog B signal input
Luminance signal output
EB-EY signal output
Date
2/12/25 Specification
ROHM CO., LTD.
Specification No.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com