Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAP018 Datasheet(PDF) 4 Page - ON Semiconductor

Part # DAP018
Description  PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

DAP018 Datasheet(HTML) 4 Page - ON Semiconductor

  DAP018 Datasheet HTML 1Page - ON Semiconductor DAP018 Datasheet HTML 2Page - ON Semiconductor DAP018 Datasheet HTML 3Page - ON Semiconductor DAP018 Datasheet HTML 4Page - ON Semiconductor DAP018 Datasheet HTML 5Page - ON Semiconductor DAP018 Datasheet HTML 6Page - ON Semiconductor DAP018 Datasheet HTML 7Page - ON Semiconductor DAP018 Datasheet HTML 8Page - ON Semiconductor DAP018 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
DAP018A/B/C/D/F
http://onsemi.com
4
1
2
Latch
+
-
S
Q
Q
R
+
Vlatch
+
-
fault
VCC and Logic
Management
5 V on
VCC Reset
Power
on reset
VCCON
VCC(min)
VCClatch
+
+
-
IC1
HV
14
IpFlag
Fault
13
12
11 BO
10 VCC
9 Drv
VDD
65/100 kHz
Clock
S
Q
Q
R
+
-
5 ms
SS
IpFlag
Rramp
6
FB
VDD
RFB
7
CS
LEB
8 GND
+
-
Vskip
5
Fold
Ifold
VDD
+
2.iCjit
+
-
iCjit
VDD
Frequency
Modulation
+
Vtimfault
IpFlag
Power On
Reset
VDD
Itim
4
Jitter
3
Timer
Figure 2. Internal Circuit Architecture
Vfold
/4.2
/4.2
-
+
+
Frequency
Foldback
+
-
+
OPP
Soft−start ended?
Yes = 1, No = 0
VOTP
IOTP
from fault
in OCP
latched versions
20 ms time
constant
5 V reset
BO release
(B & D)
Skip
Standby?
→ bias
reduction
The soft−start is activated during:
− the startup sequence
− the auto−recovery burst mode
− a brown−out release (B & D)
VFB/4.2 > Vset > Vfold/4.2
VOPP
Vlimit + VOPP
+
Vlimit
Clamp
BO (dble
hiccup reset)
+
-
VBO
+
IBO
B and D versions
turned
off when
BO ok
VDD
Vfold
+
BO ok
20 ms time
constant
NC
OTP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com