Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAP018 Datasheet(PDF) 13 Page - ON Semiconductor

Part # DAP018
Description  PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

DAP018 Datasheet(HTML) 13 Page - ON Semiconductor

Back Button DAP018 Datasheet HTML 9Page - ON Semiconductor DAP018 Datasheet HTML 10Page - ON Semiconductor DAP018 Datasheet HTML 11Page - ON Semiconductor DAP018 Datasheet HTML 12Page - ON Semiconductor DAP018 Datasheet HTML 13Page - ON Semiconductor DAP018 Datasheet HTML 14Page - ON Semiconductor DAP018 Datasheet HTML 15Page - ON Semiconductor DAP018 Datasheet HTML 16Page - ON Semiconductor DAP018 Datasheet HTML 17Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
DAP018A/B/C/D/F
http://onsemi.com
13
Application Information
Introduction
SpeedKing II implements a standard current mode
architecture where the switch−off event is dictated by the
peak current setpoint. This component represents the ideal
candidate where low part−count is the key parameter,
particularly in low−cost ac−dc adapters, open−frame power
supplies etc. Thanks to its High−Voltage technology, the
DAP−018X incorporates all the necessary components
normally needed in today modern power supply designs,
bringing several enhancements such as an adjustable EMI
jittering and a fault timer...
• Current−mode operation with internal ramp
compensation: implementing peak current mode
control, the DAP−018X offers an internal ramp
compensation signal that can easily by summed up to
the sensed current. Subharmonic oscillations can thus
be fought via the inclusion of a simple resistor in series
with the current−sense information.
• Internal OPP: by routing a portion of the negative
voltage present during the on−time on the auxiliary
winding to the dedicated OPP pin, the user has a simple
and non−dissipative option to alter the maximum peak
current setpoint as the bulk voltage increases. If the pin
is grounded, no OPP compensation occurs. If the pin
receives a negative voltage down to –300 mV, then a
peak current reduction down to 40% typical can be
achieved. For an improved performance, the maximum
voltage excursion on the sense resistor is limited to 0.8 V.
• Internal high−voltage startup switch: reaching a low
no−load standby power represents a difficult exercise
when the controller requires an external, lossy, resistor
connected to the bulk capacitor. Thanks to an internal
logic, the controller disables the high−voltage current
source after startup which no longer hampers the
consumption in no−load situations.
• EMI jittering: a dedicated pin offers the ability to vary
the pace at which the oscillator frequency is modulated.
This helps spreading out energy in conducted noise
analysis. To avoid modulation conflicts, the jittering
will be disabled as soon as the controller enters
frequency folback (light load conditions).
• Frequency foldback capability: a continuous flow of
pulses in not compatible with no−load standby power
requirements. The controller observes the feedback pin
and when it reaches a level determined by pin 5, the
peak current freezes. The oscillator then starts to reduce
its switching frequency as the feedback level continues
to decrease. It can decrease down to 26 kHz (typical).
At this point, if the power continues to drop, the
controller enters classical skip−cycle mode at a peak
current set by pin 5 level. The point at which the
foldback occurs can be adjusted to any level, we
recommend to put it in the vicinity of 1 V or slightly
above.
• Bias reduction: the controller detects that standby
mode is entered by monitoring the feedback pin level.
When this occurs, the circuit significantly reduces its
bias current by shutting down un−necessary blocks.
This improves the standby power further.
• Brown−out: versions B & D include a brown−out (BO)
detector. When the voltage sensed on this pin is below
the BO level, the controller does not operate. When the
voltage reaches the threshold, the controller pulses and
open the internal hysteresis current source. By
connecting a divider network between the bulk voltage
and the BO pin, the designer has the flexibility to adjust
the turn−on and turn−off levels. For versions A & C,
the brown−out circuitry is disabled and pin 11 is not
internally connected.
• Internal soft−start: a soft−start precludes the main
power switch from being stressed upon start−up. In this
controller, the soft−start is internally fixed to 5 ms. The
soft−start is activated when a) a new startup sequence
occurs – fresh startup or during an auto−recovery
hiccup b) when the controller recovers from a
brown−out condition (B & D versions).
• OVP input: the Speedking II includes a latch input that
can be used to sense an overvoltage condition on the
adapter. If this pin is brought higher than the internal
reference voltage Vlatch, then the circuit permanently
latches off. The VCC pin swings up and down, keeping
the controller latched. The latch reset occurs when
a) the user disconnects the adapter from the mains and
lets the VCC falls below the VCCreset value b) for
versions B & D, if the internal BO circuitry senses a
bulk / mains reset, then the controller is also reset. In
this case, if the controller is within a hiccup cycle: the
hiccup cycle is immediately reset and driving pulses
only re−appear on the output when VCC reaches
VCC(on).
• OTP input: the controller incorporates an Over
Temperature Protection circuitry (OTP) which allows
the direct connection of a Negative Temperature
Coefficient (NTC) sensor from pin 12 to GND. When
the temperature increases, the NTC resistor falls down.
When the NTC reaches a 8.8 k
W value (T = 110°C), the
voltage developed across its terminal is VOTP. The
internal comparator trips and latches−off the part. Reset
occurs in similar conditions as described in the OVP
section.
• Short−circuit protection: short−circuit and especially
over−load protection are difficult to implement when a
strong leakage inductance between auxiliary and power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com