Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAP025C Datasheet(PDF) 2 Page - ON Semiconductor

Part # DAP025C
Description  PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

DAP025C Datasheet(HTML) 2 Page - ON Semiconductor

  DAP025C Datasheet HTML 1Page - ON Semiconductor DAP025C Datasheet HTML 2Page - ON Semiconductor DAP025C Datasheet HTML 3Page - ON Semiconductor DAP025C Datasheet HTML 4Page - ON Semiconductor DAP025C Datasheet HTML 5Page - ON Semiconductor DAP025C Datasheet HTML 6Page - ON Semiconductor DAP025C Datasheet HTML 7Page - ON Semiconductor DAP025C Datasheet HTML 8Page - ON Semiconductor DAP025C Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
DAP018A/B/C/D/F
http://onsemi.com
2
1
2
3
4
5
6
7
14
13
12
11
10
9
8
*See
Note
OVP
Freq.
Jitter
Foldback
Adj.
+
Vbulk
NC /
A&C
Vout
+
Gnd
Ramp
Gnd
Timer
Delay
*This resistor
prevents from
negatively biasing
the HV pin (14) at
power−off. Typical
value is 4.7 kW.
Figure 1. Typical Application Example
OTP
+
ROPPL
ROPPU
Pin No.
Pin Name
Function
Pin Description
1
OPP
Adjust the Over Power Protection
A resistive divider from the auxiliary winding to this pin sets the
OPP compensation level.
2
OVP
Input voltage to latch comparator
This pin offers an over−voltage protection input.
3
CTimer
Timer
Wiring a capacitor to ground helps selecting the timer duration.
4
Jitter
Frequency jittering speed
This pin offers a way to adjust the frequency modulation pace.
5
Foldback / skip
Frequency foldback /
skip cycle adjustment
By connecting a resistor to ground, it becomes possible to re-
duce the level at which frequency foldback occurs.
6
FB
Feedback pin
Hooking an optocoupler collector to this pin will allow regulation.
7
CS
Current sense +
ramp compensation
This pin monitors the primary peak current but also offers a
means to introduce ramp compensation.
8
GND
−
The controller ground.
9
DRV
Driver output
The driver’s output to an external MOSFET gate.
10
VCC
Supplies the controller
This pin is connected to an external auxiliary voltage.
11
BO
Brown−out, B and D versions
For B and D versions, this pin offers a brown−out input.
12
OTP
NTC connection
This pin connects to a pulldown NTC resistor for over temperat-
ure protection (OTP).
13
NC
−
Non−connected for improved creepage.
14
HV
High−voltage input
Connected to the bulk capacitor, this pin powers the internal
current source to deliver a startup current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com