Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAP025C Datasheet(PDF) 21 Page - ON Semiconductor

Part # DAP025C
Description  PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

DAP025C Datasheet(HTML) 21 Page - ON Semiconductor

Back Button DAP025C Datasheet HTML 17Page - ON Semiconductor DAP025C Datasheet HTML 18Page - ON Semiconductor DAP025C Datasheet HTML 19Page - ON Semiconductor DAP025C Datasheet HTML 20Page - ON Semiconductor DAP025C Datasheet HTML 21Page - ON Semiconductor DAP025C Datasheet HTML 22Page - ON Semiconductor DAP025C Datasheet HTML 23Page - ON Semiconductor DAP025C Datasheet HTML 24Page - ON Semiconductor DAP025C Datasheet HTML 25Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
DAP018A/B/C/D/F
http://onsemi.com
21
When the input voltage is low, below VBO(on), the BO
comparator output is low and the current source is activated,
drawing 10
mA from the BO pin (pin 11) to ground. The
controller is silent, and no driving pulses are delivered to the
power MOSFET. When the input is sufficiently high, the BO
comparator toggles high and shuts down the current source,
providing the necessary hysteresis to the circuit. When
toggling high, the BO signal also resets ALL the internal
logic circuits including an eventual latch state triggered by
an OVP for instance (or a latched OCP for this particular
version). When the BO comparator has given the
authorization to work, the controller resets its hiccup mode
on the VCC (if any) and waits for the next VCC(on) event to
start pulsing again (via soft−start sequence). A 20
ms RC
time−constant has been added in series with the brown−out
comparator to further avoid false trigger of the controller.
Figure 44 shows typical signals in presence of a
brown−out suddenly occuring and coming back again:
BO
signal
Drv
1
restart
BO acknowledged
here: hiccup reset
General
internal reset
(latch...)
Double hiccup
Mains
Figure 44. A Brown−out Event Immediately Stops the Driving Pulses
VBO(off)
VBO(on)
Interruption
Controller waits for
the next VCC(on) event
Vbulk
VCCreset
VCClatch
VCC(min)
VCC(on)
VCC
When the bulk comes back to its normal level, the controller waits for the next VCC(on) event to re−start pulsing. If the
controller was in a double−hiccup mode, the logic circuit is reset to accelerate the restart to the next VCC(on) event.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com