Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP5322P Datasheet(PDF) 25 Page - Injoinic Technology Co.,Ltd.

Part # IP5322P
Description  support High and low voltage SCP, two-way PD3.0 and other mobile power SOCs with all fast charging protocols
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP5322P Datasheet(HTML) 25 Page - Injoinic Technology Co.,Ltd.

Back Button IP5322P Datasheet HTML 21Page - Injoinic Technology Co.,Ltd. IP5322P Datasheet HTML 22Page - Injoinic Technology Co.,Ltd. IP5322P Datasheet HTML 23Page - Injoinic Technology Co.,Ltd. IP5322P Datasheet HTML 24Page - Injoinic Technology Co.,Ltd. IP5322P Datasheet HTML 25Page - Injoinic Technology Co.,Ltd. IP5322P Datasheet HTML 26Page - Injoinic Technology Co.,Ltd. IP5322P Datasheet HTML 27Page - Injoinic Technology Co.,Ltd. IP5322P Datasheet HTML 28Page - Injoinic Technology Co.,Ltd. IP5322P Datasheet HTML 29Page - Injoinic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 35 page
background image
IP5356
V1.1
Email: service@injoinic.com
25 / 35
Copyright © 2020, Injoinic Corp.
VCC
VCC 是一个常开的 3.3V LDO,负载能力 50mA。
I2C
I2C 连接方式
LED2
LED1
VCC
VCC
LED3
INT
3.3k
3.3k
IIC模式
SLK
SDA
510K
图 19
IIC 应用电路图
型号 IP5356_LED_CL 支持 IIC 连接,按照对应的方式连接就会自动关闭 Function 功能,自动进入 IIC 模
式。连接为 I2C 模式时,INT 信号在待机时为高阻状态,在工作时为高电平状态,可以用于唤醒 MCU。
双 C 口应用
IP5356 定制方案可支持 MICRO-B 快充输入、TYPE-C 快充输入输出、TYPE-C 快充输出、USB-A 快充输出,
实现双 TYPE-C 口方案。快充规格如标准品。其中,
定制型号 IP5356_LED_CC 支持 LED 灯方案,原理图参考“IP5356_LED_CC LED 灯应用”
定制型号 IP5356_188_CC 支持数码管方案,原理图参考“IP5356_188_CC 数码管应用”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com