Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP5318 Datasheet(PDF) 10 Page - Injoinic Technology Co.,Ltd.

Part # IP5318
Description  Support wireless charging TX/RX 、SCP、VOOC、Bi-directional PD3.0 and Fast Charge protocol Power Bank SOC
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP5318 Datasheet(HTML) 10 Page - Injoinic Technology Co.,Ltd.

Back Button IP5318 Datasheet HTML 6Page - Injoinic Technology Co.,Ltd. IP5318 Datasheet HTML 7Page - Injoinic Technology Co.,Ltd. IP5318 Datasheet HTML 8Page - Injoinic Technology Co.,Ltd. IP5318 Datasheet HTML 9Page - Injoinic Technology Co.,Ltd. IP5318 Datasheet HTML 10Page - Injoinic Technology Co.,Ltd. IP5318 Datasheet HTML 11Page - Injoinic Technology Co.,Ltd. IP5318 Datasheet HTML 12Page - Injoinic Technology Co.,Ltd. IP5318 Datasheet HTML 13Page - Injoinic Technology Co.,Ltd. IP5318 Datasheet HTML 14Page - Injoinic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
IP5568
V1.31
Email: service@injoinic.com
10 / 42
Copyright © 2019, Injoinic Corp.
detect time
output voltage setting >=5v
Load short circuit
detect time
TOCD
Duration of output current above 4.4A,
output voltage setting >=5v
150
200
us
Control System
Switch frequency
fs
Discharge switch frequency
300
325
350
KHz
Charge switch frequency
450
500
550
KHz
NMOS
on
resistance
rDSON
Upper NMOS
9
11
NMOS
on
resistance
Lower NMOS
9
11
VCC
output
voltage
VCC
VBAT=3.7V
2.95
3.1
3.25
V
Battery
port
standby current
ISTB
VIN=0V, VBAT=3.7V, average current
80
uA
VCC
output
current
ILDO
VBAT=3.7V
40
50
80
mA
LED light driving
current
IWLED
10
15
20
mA
LED display driving
current
ILED1
ILED2
ILED3
Voltage decrease 10%
5
7
9
mA
Light
load
shut
down detect time
T1load
boost Iout current continued lessthan
80mA
25
32
44
s
Output port light
load shut down
detect time
T2load
Vout1/Vout2/VBUS
output
current
continued lessthan 80mA
14
16
18
s
Short press on key
wake up time
TOnDebounce
60
500
ms
Time of WLED turn
on
TKeylight
Long press key time
1.2
2
3
s
Thermal
shut
down temperature
TOTP
Rising temperature
130
140
150
Thermal
shut
down hysteresis
ΔT
OTP
40
6. Function Description
Low power lock out and activation
The first time IP5568 access to the battery, whatever the battery voltage, IC is in lock out state, battery level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com