Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP5318 Datasheet(PDF) 19 Page - Injoinic Technology Co.,Ltd.

Part # IP5318
Description  Support wireless charging TX/RX 、SCP、VOOC、Bi-directional PD3.0 and Fast Charge protocol Power Bank SOC
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP5318 Datasheet(HTML) 19 Page - Injoinic Technology Co.,Ltd.

Back Button IP5318 Datasheet HTML 15Page - Injoinic Technology Co.,Ltd. IP5318 Datasheet HTML 16Page - Injoinic Technology Co.,Ltd. IP5318 Datasheet HTML 17Page - Injoinic Technology Co.,Ltd. IP5318 Datasheet HTML 18Page - Injoinic Technology Co.,Ltd. IP5318 Datasheet HTML 19Page - Injoinic Technology Co.,Ltd. IP5318 Datasheet HTML 20Page - Injoinic Technology Co.,Ltd. IP5318 Datasheet HTML 21Page - Injoinic Technology Co.,Ltd. IP5318 Datasheet HTML 22Page - Injoinic Technology Co.,Ltd. IP5318 Datasheet HTML 23Page - Injoinic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 42 page
background image
IP5568
V1.31
Email: service@injoinic.com
19 / 42
Copyright © 2019, Injoinic Corp.
HLED
Figure 5
fast charge state indication
Coulombmeter and battery level display
IP5568 has built-in coulombmeter function, which can realize accurate calculation of the remaining battery
capacity.
IP5568 supports 4 LED, 2 LED and 1 LED mode automatic selection.
IP5568 supports 88/188 nixie tube to display the remaining battery capacity .
The part number of IP5568 + wireless TX supporting LED is IP5568 _LED.
The part number of IP5568 + wireless TX supporting nixie tube is IP5568 _188.
The part number of IP5568 + wireless TX /RX supporting LED
is IP5568 _RX_LED.
The part number of IP5568 + wireless TX /RX supporting nixie tube
is IP5568 _RX_188.
Battery level display for LED mode
IP5568 4LED、2LED、1LED battery level display
LED3
LED2
LED1
D1
D2
D3
D4
100R
100R
LED3
LED2
LED1
D1
D2
100R
100R
4LED mode
2LED MODE1
VCC
LED3
LED2
LED1
D1
100R
1LED MODE
VCC
LED3
LED2
LED1
D1
D2
100R
100R
2LED MODE2
VCC
VCC
Figure 6
4LED、2LED、1LED circuits
4LED display mode:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com