Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP5322 Datasheet(PDF) 5 Page - Injoinic Technology Co.,Ltd.

Part # IP5322
Description  Support wireless charging TX/RX 、SCP、VOOC、Bi-directional PD3.0 and Fast Charge protocol Power Bank SOC
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP5322 Datasheet(HTML) 5 Page - Injoinic Technology Co.,Ltd.

  IP5322 Datasheet HTML 1Page - Injoinic Technology Co.,Ltd. IP5322 Datasheet HTML 2Page - Injoinic Technology Co.,Ltd. IP5322 Datasheet HTML 3Page - Injoinic Technology Co.,Ltd. IP5322 Datasheet HTML 4Page - Injoinic Technology Co.,Ltd. IP5322 Datasheet HTML 5Page - Injoinic Technology Co.,Ltd. IP5322 Datasheet HTML 6Page - Injoinic Technology Co.,Ltd. IP5322 Datasheet HTML 7Page - Injoinic Technology Co.,Ltd. IP5322 Datasheet HTML 8Page - Injoinic Technology Co.,Ltd. IP5322 Datasheet HTML 9Page - Injoinic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
IP5568
V1.31
Email: service@injoinic.com
5 / 42
Copyright © 2019, Injoinic Corp.
16
NC
Not connected
17、18、63、64
VSYS
Public Node of system power input and output
19、20
VBUS
USB typec port power pin
21、22
VIN
microUSB power pin
23
BATS
Battery voltage sense pin
24
BAT
Battery supply pin
25
VCC
3.1V Voltage output pin
26
CPN
Internal chargepump flying capacitor connection pin
27
CPP
Internal chargepump flying capacitor connection pin,Connect 0.1uF
capacitor between CPP and CPN
28
OTPMEMVDD
Internal chargepump output pin,connect 2.2uF capacitorto GND
29
KEY
Key detect pin, reused as WLED torch light function.
30
NTC2
NTC2 PIN
31
CL
CC signal of lightning input port, connecting the 8th pin of Apple lightning
input port
32
CC1
USB typec cc1 pin
33
CC2
USB typec cc2 pin
34
DPC
USB typec port DP pin
35
DMC
USB typec port DM pin
36
DPB
MICRO USB port DP pin
37
DMB
MICRO USB port DM pin
38
VOOC_ID
VOOC ID pin
39
DPA1
VOUT1 port DP pin
40
DMA1
VOUT1 port DM pin
41
DPA2
VOUT2 port DP pin
42
DMA2
VOUT2 port DM pin
43
AGND
Analog ground
44
IGND
Wireless charging Current communication/demodulation sense pin
45
ISENSE
Wireless charging Current communication/demodulation sense pin
46
V_DECODE
Wireless charging voltage communication/demodulation pin
47
V_DET
Wireless charging Coil voltage detect input
48
FOD_DET
Wireless charging FOD detect pin
49
AUXDRV3
Wireless charging multi coil control pin3
50
AUXDRV2
Wireless charging multi coil control pin2
51
AUXDRV1
Wireless charging multi coil control pin1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com