Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP5322 Datasheet(PDF) 22 Page - Injoinic Technology Co.,Ltd.

Part # IP5322
Description  Support wireless charging TX/RX 、SCP、VOOC、Bi-directional PD3.0 and Fast Charge protocol Power Bank SOC
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP5322 Datasheet(HTML) 22 Page - Injoinic Technology Co.,Ltd.

Back Button IP5322 Datasheet HTML 18Page - Injoinic Technology Co.,Ltd. IP5322 Datasheet HTML 19Page - Injoinic Technology Co.,Ltd. IP5322 Datasheet HTML 20Page - Injoinic Technology Co.,Ltd. IP5322 Datasheet HTML 21Page - Injoinic Technology Co.,Ltd. IP5322 Datasheet HTML 22Page - Injoinic Technology Co.,Ltd. IP5322 Datasheet HTML 23Page - Injoinic Technology Co.,Ltd. IP5322 Datasheet HTML 24Page - Injoinic Technology Co.,Ltd. IP5322 Datasheet HTML 25Page - Injoinic Technology Co.,Ltd. IP5322 Datasheet HTML 26Page - Injoinic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 42 page
background image
IP5568
V1.31
Email: service@injoinic.com
22 / 42
Copyright © 2019, Injoinic Corp.
IP5568 display driver
pin
nixie tube pin
备注
The sequence mapping
relationship between
IP5568 display driver
pin and nixie tube pin
LED1(1 pin)
1 pin
LED2(2 pin)
2 pin
LED3(3 pin)
3 pin
KEY_MODE(58 pin)
4 pin
VSET(57 pin)
5 pin
Coulombmeter
IP5568 supports the external resistor setting of the initial capacity of thebattery, and uses the integration of
the current and time at the port of the battery to manage the remaining capacity of the battery, which can
accurately display the current remaining capacity of the battery.IP5568 supports the automatic calibration of the
total capacity of the current battery in a complete charging process from 0% to 100%, and more reasonable
management of the actual capacity of the battery.
Ip5568 external pin sets the initial cell capacity formula: battery capacity = R8 * 0.2 (mAH). Up to 25000mah.
Fcap
R8
56
Figure 8
battery initial capacity circuit
Typical battery capacity config table
FCAP also reserves a special function. If R8 resistance = 1K, the cell capacity is 10000mah by default, and DPA2 pin
R8
resistance
(ohm)
battery
initial capacity (mAH)
25k
5000mAH
40k
8000mAH
50k
10000mAH
60k
12000mAH
100k
20000mAH
125K
25000mAH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com