Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5204-2GDPR3 Datasheet(PDF) 4 Page - ON Semiconductor

Part # CS5204-2GDPR3
Description  4.0 A, 1.5 V Fixed Linear Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5204-2GDPR3 Datasheet(HTML) 4 Page - ON Semiconductor

  CS5204-2GDPR3 Datasheet HTML 1Page - ON Semiconductor CS5204-2GDPR3 Datasheet HTML 2Page - ON Semiconductor CS5204-2GDPR3 Datasheet HTML 3Page - ON Semiconductor CS5204-2GDPR3 Datasheet HTML 4Page - ON Semiconductor CS5204-2GDPR3 Datasheet HTML 5Page - ON Semiconductor CS5204-2GDPR3 Datasheet HTML 6Page - ON Semiconductor CS5204-2GDPR3 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
CS5204−2
http://onsemi.com
4
APPLICATIONS INFORMATION
The CS5204−2 linear regulator provides fixed 1.5 V
voltage at currents up to 4.0 A. The regulator is protected
against short circuit, and includes thermal shutdown and
safe area protection (SOA) circuitry. The SOA protection
circuitry decreases the maximum available output current as
the input−output differential voltage increase.
The CS5204−2 has a composite PNP−NPN output
transistor and requires an output capacitor for stability. A
detailed procedure for selecting this capacitor is included in
the Stability Considerations section.
Stability Considerations
The output compensation capacitor helps determine three
main characteristics of a linear regulator: start−up delay,
load transient response, and loop stability.
The capacitor value and type is based on cost, availability,
size and temperature constraints. A tantalum or aluminum
electrolytic capacitor is best, since a film or ceramic
capacitor with almost zero ESR can cause instability. The
aluminum electrolytic capacitor is the least expensive
solution. However, when the circuit operates at low
temperatures, both the value and ESR of the capacitor will
vary considerably. The capacitor manufacturer’s data sheet
provides this information.
A 22
mF tantalum capacitor will work for most
applications, but with high current regulators such as the
CS5204−2 the transient response and stability improve with
higher values of capacitance. The majority of applications
for this regulator involve large changes in load current so the
output capacitor must supply the instantaneous load current.
The ESR of the output capacitor causes an immediate drop
in output voltage given by:
DV + DI
ESR
For microprocessor applications it is customary to use an
output capacitor network consisting of several tantalum and
ceramic capacitors in parallel. This reduces the overall ESR
and reduces the instantaneous output voltage drop under
transient load conditions. The output capacitor network
should be as close to the load as possible for the best results.
Protection Diodes
When large external capacitors are used with a linear
regulator it is sometimes necessary to add protection diodes.
If the input voltage of the regulator gets shorted, the output
capacitor will discharge into the output of the regulator. The
discharge current depends on the value of the capacitor, the
output voltage and the rate at which VIN drops. In the
CS5204−2 linear regulator, the discharge path is through a
large junction and protection diodes are not usually needed.
If the regulator is used with large values of output
capacitance and the input voltage is instantaneously shorted
to ground, damage can occur. In this case, a diode connected
as shown in Figure 7 is recommended.
Figure 7. Protection Diode Scheme
VIN
CS5204−2
VOUT
GND
VOUT
VIN
C1
C2
IN4002 (Optional)
Output Voltage Sensing
Since the CS5204−2 is a three terminal regulator, it is not
possible to provide true remote load sensing. Load
regulation is limited by the resistance of the conductors
connecting the regulator to the load. For best results the
regulator should be connected as shown in Figure 8.
Figure 8. Conductor Parasitic Resistance Effects Can
Be Minimized With the Above Grounding Scheme
VIN
VIN
VOUT
CS5204−2
Conductor Parasitic
Resistance
RLOAD
RC
GND



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com