Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5204-2GDPR3 Datasheet(PDF) 1 Page - ON Semiconductor

Part # CS5204-2GDPR3
Description  4.0 A, 1.5 V Fixed Linear Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5204-2GDPR3 Datasheet(HTML) 1 Page - ON Semiconductor

  CS5204-2GDPR3 Datasheet HTML 1Page - ON Semiconductor CS5204-2GDPR3 Datasheet HTML 2Page - ON Semiconductor CS5204-2GDPR3 Datasheet HTML 3Page - ON Semiconductor CS5204-2GDPR3 Datasheet HTML 4Page - ON Semiconductor CS5204-2GDPR3 Datasheet HTML 5Page - ON Semiconductor CS5204-2GDPR3 Datasheet HTML 6Page - ON Semiconductor CS5204-2GDPR3 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© Semiconductor Components Industries, LLC, 2006
September, 2006 − Rev. 10
1
Publication Order Number:
CS5204−2/D
CS5204−2
4.0 A, 1.5 V Fixed Linear
Regulator
The CS5204−2 linear regulator provides 4.0 A @ 1.5 V with an
accuracy of ±2.0%.
The fast loop response and low dropout voltage make this regulator
ideal for GTL bus termination where low voltage operation and good
transient response are important.
The circuit is designed to operate with dropout voltages as low as 1.0 V
depending on the output current level. The maximum quiescent current is
only 10 mA at full load.
The regulator is fully protected against overload conditions with
protection circuitry for Safe Operating Area (SOA), overcurrent and
thermal shutdown.
The regulator is available in TO−220−3 and surface mount D2PAK−3
packages.
Features
• Output Current to 4.0 A
• Output Voltage Trimmed to ±2.0%
• Dropout Voltage (typical) 1.10 V @ 4.0 A
• Fast Transient Response
• Fault Protection Circuitry
− Thermal Shutdown
− Overcurrent Protection
− Safe Area Protection
Figure 1. Block Diagram
+
−
Thermal
Shutdown
Bandgap
Output
Current
Limit
Error
Amplifier
VOUT
GND
VIN
D2PAK−3
D2T SUFFIX
CASE 418AB
TO−220−3
T SUFFIX
CASE 221A
1 2
3
Tab = VOUT
Pin 1. GND
2. VOUT
3. VIN
MARKING DIAGRAMS
CS5204−2
AWLYWW
1
CS5204−2
AWLYWW
1
D2PAK−3
TO−220−3
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W = Work Week
12
3
http://onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 5 of this data sheet.
ORDERING INFORMATION


Similar Part No. - CS5204-2GDPR3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS5204-2GDPR3 ONSEMI-CS5204-2GDPR3 Datasheet
56Kb / 8P
4.0 A, 1.5 V Fixed Linear Regulator
January, 2004 ??Rev. 9
More results

Similar Description - CS5204-2GDPR3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS5205-2 ONSEMI-CS5205-2 Datasheet
56Kb / 8P
5.0 A, 1.5 V Fixed Linear Regulator
January, 2004 ??Rev. 8
NCP1086 ONSEMI-NCP1086 Datasheet
102Kb / 14P
1.5 A Adjustable and 3.3 V Fixed Output Linear Regulator
July, 2004 ??Rev. 4
CS5204-2 ONSEMI-CS5204-2 Datasheet
56Kb / 8P
4.0 A, 1.5 V Fixed Linear Regulator
January, 2004 ??Rev. 9
CS5201-3 ONSEMI-CS5201-3 Datasheet
191Kb / 8P
1.0 A, 3.3 V Fixed Linear Regulator
September, 2006 ??Rev. 8
CS5203-3 ONSEMI-CS5203-3 Datasheet
172Kb / 6P
3.0 A, 3.3 V Fixed Linear Regulator
September, 2006 ??Rev. 7
CS5204-1 ONSEMI-CS5204-1_06 Datasheet
239Kb / 9P
4.0 A Adjustable, and 3.3 V and 5.0 V Fixed Linear Regulators
September, 2006 ??Rev. 9
CS5207-2 ONSEMI-CS5207-2 Datasheet
179Kb / 6P
7.0 A, 1.5 V Fixed Linear Regulator
September, 2006 ??Rev. 8
CS52015-1 ONSEMI-CS52015-1 Datasheet
242Kb / 9P
1.5 A Adjustable Linear Regulator
September, 2006 ??Rev. 7
CS52015-3 ONSEMI-CS52015-3 Datasheet
217Kb / 8P
1.5 A, 3.3 V Fixed Linear Regulator
September, 2006 ??Rev. 8
NCP1086 ONSEMI-NCP1086_05 Datasheet
121Kb / 14P
1.5 A Adjustable and 3.3 V Fixed Output Linear Regulator
May, 2005 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com