Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5212GD14G Datasheet(PDF) 3 Page - ON Semiconductor

Part # CS5212GD14G
Description  Low Voltage Synchronous Buck Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5212GD14G Datasheet(HTML) 3 Page - ON Semiconductor

  CS5212GD14G Datasheet HTML 1Page - ON Semiconductor CS5212GD14G Datasheet HTML 2Page - ON Semiconductor CS5212GD14G Datasheet HTML 3Page - ON Semiconductor CS5212GD14G Datasheet HTML 4Page - ON Semiconductor CS5212GD14G Datasheet HTML 5Page - ON Semiconductor CS5212GD14G Datasheet HTML 6Page - ON Semiconductor CS5212GD14G Datasheet HTML 7Page - ON Semiconductor CS5212GD14G Datasheet HTML 8Page - ON Semiconductor CS5212GD14G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
CS5212
http://onsemi.com
3
MAXIMUM RATINGS
Pin Name
Pin Symbol
VMAX
VMIN
ISOURCE
ISINK
IC Power Input
VCC
6.0 V
−0.3 V
N/A
50 mA DC
Power input for the low side driver
VC
16 V
−0.3 V
N/A
1.5 A Peak,
200 mA DC
Power Supply input for the high side driver
BST
20 V
−0.3 V
N/A
1.5 A Peak,
200 mA DC
Compensation Capacitor
COMP
6.0 V
−0.3 V
1.0 mA
1.0 mA
Voltage Feedback Input
VFB
6.0 V
−0.3 V
1.0 mA
1.0 mA
Oscillator Resistor
ROSC
6.0 V
−0.3 V
1.0 mA
1.0 mA
Fast Feedback Input
VFFB
6.0 V
−0.3 V
1.0 mA
1.0 mA
High−Side FET Driver
GATE(H)
20 V
−0.3 V
−2.0 V for 50 ns
1.5 A Peak,
200 mA DC
1.5 A Peak,
200 mA DC
Low−Side FET Driver
GATE(L)
16 V
−0.3 V
−2.0 V for 50 ns
1.5 A Peak,
200 mA DC
1.5 A Peak,
200 mA DC
Positive Current Sense
IS+
6.0 V
−0.3 V
1.0 mA
1.0 mA
Negative Current Sense
IS−
6.0 V
−0.3 V
1.0 mA
1.0 mA
Power Ground
PGND
0.3 V
−0.3 V
1.5 A Peak,
200 mA DC
N/A
Logic Ground
LGND
0 V
0 V
100 mA
N/A
Sense Ground
SGND
0.3 V
−0.3 V
1.0 mA
1.0 mA
ELECTRICAL CHARACTERISTICS (−40°C < TA < 85°C (CS5212E); 0°C < TA < 70°C (CS5212G); −40°C < TJ < 125°C; 3.1 V < VCC <
3.5 V; 3.1 V < VC < 7.0 V; 4.5 V < BST < 20 V; CGATE(H) = CGATE(L) = 3.3 nF; ROSC = 51 k; CCOMP = 0.1 mF, unless otherwise specified.)
Characteristic
Test Conditions
Min
Typ
Max
Unit
Error Amplifier
VFB Bias Current
VFB = 0 V
−
0.1
1.0
mA
COMP Source Current
VFB = 0.8 V
15
30
60
mA
COMP SINK Current
VFB = 1.2 V
15
30
60
mA
Open Loop Gain
−
−
98
−
dB
Unity Gain Bandwidth
C = 0.1 mF
−
50
−
kHz
PSRR @ 1.0 kHz
−
−
70
−
dB
Output Transconductance
−
−
32
−
mmho
Output Impedance
−
−
2.5
−
MW
Reference Voltage
−0.1 V < SGND < 0.1 V,
COMP = VFB, Measure VFB to SGND
0.977
0.992
1.007
V
COMP Max Voltage
VFB = 0.8 V
2.5
3.0
−
V
COMP Min Voltage
VFB = 1.2 V
−
0.1
0.2
V
GATE(H) and GATE(L)
High Voltage (AC)
GATE(L)
GATE(H)
0.5 nF < CGATE(H) = CGATE(L) < 10 nF (Note 2)
VC − 0.5
BST − 0.5
−
−
−
−
V
V
Low Voltage (AC)
GATE(L) or GATE(H)
0.5 nF < CGATE(H); CGATE(L) < 10 nF (Note 2)
−
−
0.5
V
Rise Time
VC = BST = 7.0 V, Measure:
0.7 V < GATE(L) < 6.3 V,
0.7 V < GATE(H) < 6.3 V
−
40
80
ns
Fall Time
VC = BST = 7.0 V, Measure:
0.7 V < GATE(L) < 6.3 V,
0.7 V < GATE(H) < 6.3 V
−
40
80
ns
2. GBD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com