Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5212GD14G Datasheet(PDF) 4 Page - ON Semiconductor

Part # CS5212GD14G
Description  Low Voltage Synchronous Buck Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5212GD14G Datasheet(HTML) 4 Page - ON Semiconductor

  CS5212GD14G Datasheet HTML 1Page - ON Semiconductor CS5212GD14G Datasheet HTML 2Page - ON Semiconductor CS5212GD14G Datasheet HTML 3Page - ON Semiconductor CS5212GD14G Datasheet HTML 4Page - ON Semiconductor CS5212GD14G Datasheet HTML 5Page - ON Semiconductor CS5212GD14G Datasheet HTML 6Page - ON Semiconductor CS5212GD14G Datasheet HTML 7Page - ON Semiconductor CS5212GD14G Datasheet HTML 8Page - ON Semiconductor CS5212GD14G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
CS5212
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS (−40°C < TA < 85°C (CS5212E); 0°C < TA < 70°C (CS5212G); −40°C < TJ < 125°C; 3.1 V < VCC <
3.5 V; 3.1 V < VC < 7.0 V; 4.5 V < BST < 20 V; CGATE(H) = CGATE(L) = 3.3 nF; ROSC = 51 k; CCOMP = 0.1 mF, unless otherwise specified.)
Characteristic
Unit
Max
Typ
Min
Test Conditions
GATE(H) and GATE(L)
GATE(H) to GATE(L) Delay
GATE(H) < 2.0 V, GATE(L) > 2.0 V
40
70
110
ns
GATE(L) to GATE(H) Delay
GATE(L) < 2.0 V, GATE(H) > 2.0 V
40
70
110
ns
GATE(H)/(L) Pulldown
Resistance to PGND
20
50
115
KW
Overcurrent Protection
OVC Comparator Offset Voltage
0 V < IS+ < VCC, 0 V < IS− < VCC
54
60
66
mV
IS+ Bias Current
0 V < IS+ < VCC
−1.0
0.1
1.0
mA
IS− Bias Current
0 V < IS− < VCC
−1.0
0.1
1.0
mA
COMP Discharge Threshold
−
0.20
0.25
0.30
V
COMP Discharge Current in OVC
Fault Mode
COMP = 1.0 V
2.0
5.0
8.0
mA
PWM Comparator
Transient Response
COMP = 0 − 1.5 V, VFFB, 20 mV overdrive
−
100
200
ns
PWM Comparator Offset
VFB = VFFB = 0 V;
Increase COMP until GATE(H) starts switching
0.35
0.40
0.45
V
Artificial Ramp
Duty Cycle = 90%
40
70
100
mV
VFFB Bias Current
VFFB = 0 V
−
0.1
1.0
mA
VFFB Input Range
(Note 3)
−
−
1.1
V
Minimum Pulse Width
−
−
−
200
ns
Oscillator
Switching Frequency
ROSC = 18 k
600
750
900
kHz
Switching Frequency
ROSC = 51 k
240
300
360
kHz
Switching Frequency
ROSC = 115 k
120
150
180
kHz
ROSC Voltage
−
1.21
1.25
1.29
V
General Electrical Specifications
VCC Supply Current
COMP = 0 V (no switching)
−
5.0
8.0
mA
BST/VC Supply Current
COMP = 0 V (no switching)
−
2.0
3.0
mA
Start Threshold
GATE(H) Switching, COMP Charging
2.7
2.8
2.9
V
Stop Threshold
GATE(H) Not Switching, COMP Not Charging
2.6
2.7
2.8
V
Hysteresis
Start−Stop
75
100
125
mV
Sense Ground Current
(Note 4)
−
0.15
1.00
mA
3. GBD.
4. Recommended maximum operating voltage between the three grounds is 200 mV.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com