Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL103WAID Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TL103WAID
Description  TL103Wx Dual Operational Amplifiers With Internal Reference
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL103WAID Datasheet(HTML) 2 Page - Texas Instruments

  TL103WAID Datasheet HTML 1Page - Texas Instruments TL103WAID Datasheet HTML 2Page - Texas Instruments TL103WAID Datasheet HTML 3Page - Texas Instruments TL103WAID Datasheet HTML 4Page - Texas Instruments TL103WAID Datasheet HTML 5Page - Texas Instruments TL103WAID Datasheet HTML 6Page - Texas Instruments TL103WAID Datasheet HTML 7Page - Texas Instruments TL103WAID Datasheet HTML 8Page - Texas Instruments TL103WAID Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Revision History.............................................................. 2
5 Pin Configuration and Functions...................................3
6 Specifications.................................................................. 4
6.1 Absolute Maximum Ratings........................................ 4
6.2 ESD Ratings............................................................... 4
6.3 Recommended Operating Conditions.........................4
6.4 Thermal Information....................................................4
6.5 Electrical Characteristics: OP AMP1 (VREF at
Non-Inverting Input).......................................................5
6.6 Electrical Characteristics: OP AMP2
(Independent Amplifier)................................................. 6
6.7 Typical Characteristics: TL103WB.............................. 8
7 Device and Documentation Support..............................9
7.1 Receiving Notification of Documentation Updates......9
7.2 Support Resources..................................................... 9
7.3 Trademarks.................................................................9
7.4 Electrostatic Discharge Caution..................................9
7.5 Glossary......................................................................9
8 Mechanical, Packaging, and Orderable Information.... 9
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision M (October 2016) to Revision N (August 2023)
Page
• Updated Features section to highlight TL103WB............................................................................................... 1
• Updated the numbering format for tables, figures, and cross-references throughout the document................. 1
• Added the TL103WB device information throughout the document................................................................... 1
• Updated Description section...............................................................................................................................1
• Updated Device Information table to include channel count.............................................................................. 1
• Removed DRJ package details and added DDF package for preview...............................................................3
• Updated formatting for Electrical Characteristics tables..................................................................................... 5
• Updated typical dynamic impedance from 0.2 Ω to 0.4 Ω in Electrical Characteristics tables .......................... 5
Changes from Revision L (February 2016) to Revision M (October 2016)
Page
• Changed positive and negative terminals OP AMP 2 in the D Package image of Pin Configuration and
Functions ........................................................................................................................................................... 3
Changes from Revision K (October 2010) to Revision L (February 2016)
Page
• Added the Device Information table, Pin Configuration and Functions, ESD Ratings, Thermal Information,
Device and Documentation Support, and Mechanical, Packaging, and Orderable Information sections...........1
• Changed Features from: 2 kV ESD Protection (HBM) to: 2.5-kV ESD Protection (HBM).................................. 1
• Changed the Zener diode component to VREF in the Typical Application Circuit .............................................. 1
• Changed the Zener diode component to VREF in the D Package of Pin Configuration and Functions ..............3
TL103W, TL103WA, TL103WB
SLOS437N – APRIL 2004 – REVISED AUGUST 2023
www.ti.com
2
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TL103W TL103WA TL103WB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com