Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL103WAID Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TL103WAID
Description  TL103Wx Dual Operational Amplifiers With Internal Reference
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL103WAID Datasheet(HTML) 1 Page - Texas Instruments

  TL103WAID Datasheet HTML 1Page - Texas Instruments TL103WAID Datasheet HTML 2Page - Texas Instruments TL103WAID Datasheet HTML 3Page - Texas Instruments TL103WAID Datasheet HTML 4Page - Texas Instruments TL103WAID Datasheet HTML 5Page - Texas Instruments TL103WAID Datasheet HTML 6Page - Texas Instruments TL103WAID Datasheet HTML 7Page - Texas Instruments TL103WAID Datasheet HTML 8Page - Texas Instruments TL103WAID Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
TL103Wx Dual Operational Amplifiers With Internal Reference
1 Features
• New TL103WB, a pin-compatible upgrade to the
TL103W and TL103WA
• Improved specifications of B version amplifiers:
– Supply range: 3 V to 36 V
– Low maximum input offset voltage: ±3 mV
(25°C) and ±4 mV (full temperature)
– Gain bandwidth: 1.2 MHz
– Total supply current: 600 μA
– EMI rejection: integrated RF and EMI filter
– Temperature range: -40°C to 125°C
• Improved specifications of B version reference:
– Fixed 2.5-V reference
– Tight tolerance maximum of 0.4% (25°C) and
0.8% (full temperature)
– Wide sink-current range:
0.5 mA (typical) to 100 mA
2 Applications
• Battery chargers
• Switch-mode power supplies
• Linear voltage regulation
• Data-acquisition systems
3 Description
The TL103Wx devices combine the building blocks
of a dual operational amplifier and a fixed voltage
reference – both of which are often used in the
control circuitry of both switch-mode and linear
power supplies. OP AMP1 has its non-inverting input
internally tied to a fixed 2.5-V reference, while OP
AMP2 is independent, with both inputs uncommitted.
The upgraded TL103WB features improvements such
as a wider supply range (up to 36 V), lower supply
current (300 μA) and tighter voltage regulation.
This regulation can be achieved through low offset
voltages for both operational amplifiers (0.3 mV
typical) and tight tolerances for the voltage reference
(0.4% at 25°C and 0.8% over operating temperature
range).
The TL103WB has a widened temperature range of
–40°C to 125°C.
Device Information
PART NUMBER
CHANNEL COUNT
PACKAGE(1)
PACKAGE SIZE(3)
TL103W
TL103WA
TL103WB
Dual + Reference
D (SOIC, 8)(2)
4.9 mm × 6 mm
DDF (SOT-23, 8) (2)
2.9 mm × 2.8 mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
(2)
This package is preview only.
(3)
The package size (length × width) is a nominal value and
includes pins, where applicable.
SMPS
_
+
OP AMP2
_
+
OP AMP1
TL103WB
Current
Sense
AC
Line
Opto
Isolator
Battery
R6
R3
R4
R5
R8
R2
R1
R7
R9
Constant Voltage Control
Constant Current Control
2.5 V
VREF
Typical Application Circuit
TL103W, TL103WA, TL103WB
SLOS437N – APRIL 2004 – REVISED AUGUST 2023
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. UNLESS OTHERWISE NOTED, this document contains PRODUCTION
DATA.


Similar Part No. - TL103WAID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL103WAID TI-TL103WAID Datasheet
196Kb / 9P
DUAL OPERATIONAL aMPLIFIERS WITH INTERNAL REFERENCE
TL103WAID TI-TL103WAID Datasheet
302Kb / 12P
DUAL OPERATIONAL AMPLIFIERS WITH INTERNAL REFERENCE
TL103WAID TI1-TL103WAID Datasheet
744Kb / 16P
Dual Operational Amplifiers With Internal Reference
TL103WAID TI1-TL103WAID Datasheet
1Mb / 29P
TL103Wx Dual Operational Amplifiers With Internal Reference
REVISED DECEMBER 2023
TL103WAID TI1-TL103WAID Datasheet
1Mb / 32P
TL103Wx Dual Operational Amplifiers With Internal Reference
DECEMBER 2023
More results

Similar Description - TL103WAID

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM613 NSC-LM613 Datasheet
1Mb / 22P
Dual Operational Amplifiers, Dual Comparators, and Adjustable Reference
logo
Linear Technology
LTC1051 LINER-LTC1051 Datasheet
971Kb / 15P
Dual/Quad Precision Chopper Stabilized Operational Amplifiers with Internal Capacitors
logo
Texas Instruments
TL103W TI-TL103W Datasheet
196Kb / 9P
DUAL OPERATIONAL aMPLIFIERS WITH INTERNAL REFERENCE
logo
Linear Technology
LTC1051 LINER-LTC1051_1 Datasheet
295Kb / 16P
Dual/Quad Precision Zero-Drift Operational Amplifiers With Internal Capacitors
logo
Texas Instruments
TL103W TI-TL103W_08 Datasheet
302Kb / 12P
DUAL OPERATIONAL AMPLIFIERS WITH INTERNAL REFERENCE
logo
Taiwan Semiconductor Co...
TS103 TSC-TS103 Datasheet
365Kb / 6P
Dual Operational Amplifiers And Voltage Reference
TS103 TSC-TS103_14 Datasheet
344Kb / 6P
Dual Operational Amplifiers And Voltage Reference
logo
Texas Instruments
LM613 TI1-LM613 Datasheet
1Mb / 32P
Dual Operational Amplifiers, Dual Comparators, and Adjustable Reference
TL103W TI1-TL103W_16 Datasheet
744Kb / 16P
Dual Operational Amplifiers With Internal Reference
TL103W TI1-TL103W_V02 Datasheet
1Mb / 29P
TL103Wx Dual Operational Amplifiers With Internal Reference
REVISED DECEMBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com