Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2901 Datasheet(PDF) 5 Page - STMicroelectronics

Part # LM2901
Description  Low power quad voltage comparator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM2901 Datasheet(HTML) 5 Page - STMicroelectronics

  LM2901 Datasheet HTML 1Page - STMicroelectronics LM2901 Datasheet HTML 2Page - STMicroelectronics LM2901 Datasheet HTML 3Page - STMicroelectronics LM2901 Datasheet HTML 4Page - STMicroelectronics LM2901 Datasheet HTML 5Page - STMicroelectronics LM2901 Datasheet HTML 6Page - STMicroelectronics LM2901 Datasheet HTML 7Page - STMicroelectronics LM2901 Datasheet HTML 8Page - STMicroelectronics LM2901 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LM2901
Electrical characteristics
5/16
3
Electrical characteristics
Table 3.
Electrical characteristics at VCC
+ = 5V, V
cc
- = GND, T
amb = 25°C
(unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Unit
Vio
Input offset voltage (1)
Tamb = +25°C
Tmin ≤ Tamb ≤ Tmax
1.
At output switch point, VO ≈ 1.4V, RS = 0 with VCC
+ from 5V to 30V, and over the full input common-mode
range (0V to VCC
+ –1.5V).
17
15
mV
Iio
Input offset current
Tamb = +25°C
Tmin ≤ Tamb ≤ Tmax
550
150
nA
Iib
Input bias current (II
+ or I
I
-) (2)
Tamb = 2.5V
Tmin ≤ Tamb ≤ Tmax
2.
The direction of the input current is out of the IC due to the PNP input stage. This current is essentially
constant, independent of the state of the output, so no loading charge exists on the reference of input lines.
25
250
400
nA
Avd
Large signal voltage gain
(Vcc = 15V,RL=15kΩ, Vo=1 to 11V)
25
200
V/mV
Icc
Supply current (all comparators)
VCC = +5V, no load
VCC = +30V, no load
1.1
1.3
2
2.5
mA
Vicm
Input common mode voltage range
(Vcc=30V)
(3)
Tamb = +25°C
Tmin ≤ Tamb ≤ Tmax
0
0
VCC
+-1.5
VCC
+-2
V
Vid
Differential input voltage(4)
VCC
+
V
VOL
Low level output voltage
Vid = -1V, Isink = 4mA
Tamb = +25°C
Tmin ≤ Tamb ≤ Tmax
250
400
700
mV
Ioh
High level output current
(VCC =Vo =30V, Vid = 1V)
Tamb = +25°C
Tmin ≤ Tamb ≤ Tmax
0.1
1
nA
µA
Isink
Output sink current (Vid = -1V,Vo = 1.5V)
6
16
mA
tre
Small signal response time(5)
(RL = 5.1kΩ connected to VCC
+)
1.3
µs
trel
Large signal response time(6)
TTL input (Vref = +1.4 V, RL=5.1kΩ to
VCC
+)
Output signal at 50% of final value
Output signal at 95% of final value
500
1
ns
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com