Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2901 Datasheet(PDF) 1 Page - STMicroelectronics

Part # LM2901
Description  Low power quad voltage comparator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM2901 Datasheet(HTML) 1 Page - STMicroelectronics

  LM2901 Datasheet HTML 1Page - STMicroelectronics LM2901 Datasheet HTML 2Page - STMicroelectronics LM2901 Datasheet HTML 3Page - STMicroelectronics LM2901 Datasheet HTML 4Page - STMicroelectronics LM2901 Datasheet HTML 5Page - STMicroelectronics LM2901 Datasheet HTML 6Page - STMicroelectronics LM2901 Datasheet HTML 7Page - STMicroelectronics LM2901 Datasheet HTML 8Page - STMicroelectronics LM2901 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
July 2006
Rev 4
1/16
16
LM2901
Low power quad voltage comparator
Features
■
Wide single supply voltage range or dual
supplies for all devices: +2V to +36V or ±1V to
±18V
■
Very low supply current (1.1mA) independent
of supply voltage (1.4mW/comparator at +5V)
■
Low input bias current: 25nA typ.
■
Low input offset current: ±5nA typ.
■
Input common-mode voltage range includes
ground
■
Low output saturation voltage:
250mV typ. (IO = 4mA)
■
Differential input voltage range equal to the
supply voltage
■
TTL, DTL, ECL, MOS, CMOS compatible
outputs
Description
This device consists of four independent precision
voltage comparators. All these comparators are
designed specifically to operate from a single
supply over a wide range of voltages. Operation
from split power supplies is also possible.
These comparators also have a unique
characteristic in that the input common-mode
voltage range includes ground even though
operated from a single power supply voltage.
Order codes
N
DIP14
(Plastic Package)
D
SO-14
(Plastic Micropackage)
P
TSSOP14
(Thin Shrink Small Outline Package)
Pin connections (top view)
4
5
6
7
8
9
10
11
13
1
2
3
14
12
Output 2
Output 4
Output 3
Non-inverting input 4
VCC
Non-inverting input 3
Inverting input 4
VCC+
Output 1
Inverting input 1
Non-inverting input 2
-
Inverting input 3
Non-inverting input 1
Inverting input 2
Part number
Temperature
range
Package
Packing
Marking
LM2901N
-40°C, +125°C
DIP14
Tube
LM2901N
LM2901D/LM2901DT
SO-14
Tube or tape & reel
2901
LM2901PT
TSSOP14
(Thin shrink outline package)
Tape & reel
LM2901YD/YDT
SO-14 (automotive grade level)
Tube or tape & reel
2901Y
LM2901YPT
TSSOP14 (automotive grade level)
Tape & reel
www.st.com


Similar Part No. - LM2901

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2901 NSC-LM2901 Datasheet
465Kb / 19P
Low Power Low Offset Voltage Quad Comparators
logo
NXP Semiconductors
LM2901 PHILIPS-LM2901 Datasheet
75Kb / 10P
Quad voltage comparator
1995 Nov 27
logo
STMicroelectronics
LM2901 STMICROELECTRONICS-LM2901 Datasheet
540Kb / 12P
LOW POWER QUAD VOLTAGE COMPARATORS
Rev 2
logo
Fairchild Semiconductor
LM2901 FAIRCHILD-LM2901 Datasheet
86Kb / 8P
Quad Comparator
logo
Intersil Corporation
LM2901 INTERSIL-LM2901 Datasheet
64Kb / 6P
Quad Voltage Comparators for Industrial, Commercial and Military Applications
October 1999
More results

Similar Description - LM2901

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP339 NSC-LP339 Datasheet
228Kb / 11P
Ultra-Low Power Quad Comparator
logo
Analog Devices
CMP04 AD-CMP04 Datasheet
275Kb / 8P
Quad Low Power, Precision Comparator
3/03-Data Sheet changed from REV. C to REV. D.
logo
NEC
UPC339 NEC-UPC339 Datasheet
61Kb / 12P
LOW POWER QUAD COMPARATOR
logo
STMicroelectronics
TS374 STMICROELECTRONICS-TS374 Datasheet
88Kb / 5P
LOW POWER QUAD CMOS VOLTAGE COMPARATOR
Feb-2002
LM2901 STMICROELECTRONICS-LM2901_07 Datasheet
547Kb / 13P
Low power quad voltage comparator
19-Dec-2007
logo
Gamma Microelectronics ...
GM339 GAMMA-GM339 Datasheet
125Kb / 7P
LOW POWER QUAD DIFFERENTIAL COMPARATOR
logo
KODENSHI_AUK CORP.
SN339 KODENSHI-SN339 Datasheet
432Kb / 8P
Low Power Quad Comparator
logo
STMicroelectronics
LM2901Q4T STMICROELECTRONICS-LM2901Q4T Datasheet
686Kb / 17P
Low-power quad voltage comparator
06-Feb-2012
logo
Renesas Technology Corp
PC339 RENESAS-PC339_15 Datasheet
236Kb / 13P
LOW POWER QUAD COMPARATOR
logo
Texas Instruments
LM339-MIL TI1-LM339-MIL Datasheet
1Mb / 23P
Low-Power Low-Offset Voltage Quad Comparator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com