Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5972D Datasheet(PDF) 11 Page - STMicroelectronics

Part # L5972D
Description  2A switch step down switching regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5972D Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L5972D Datasheet HTML 7Page - STMicroelectronics L5972D Datasheet HTML 8Page - STMicroelectronics L5972D Datasheet HTML 9Page - STMicroelectronics L5972D Datasheet HTML 10Page - STMicroelectronics L5972D Datasheet HTML 11Page - STMicroelectronics L5972D Datasheet HTML 12Page - STMicroelectronics L5972D Datasheet HTML 13Page - STMicroelectronics L5972D Datasheet HTML 14Page - STMicroelectronics L5972D Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
L5973AD
Functional description
11/21
4.6
PWM comparator and power stage
This block compares the oscillator sawtooth and the error amplifier output signals
generating the PWM signal for the driving stage. The power stage is a very critical block
cause it has to guarantee a correct turn on and turn OFF of the PDMOS. The turn ON of the
power element, or better, the rise time of the current at turn on, is a very critical parameter to
compromise.
At a first approach, it looks like the faster it is the rise time, the lower are the turn on losses.
But there is a limit introduced by the recovery time of the recirculation diode. In fact when the
current of the power element equals the inductor current, the diode turns off and the drain of
the power is free to go high. But during its recovery time, the diode can be considered as an
high value capacitor and this produces a very high peak current, responsible of many
problems:
●
Spikes on the device supply voltage that cause oscillations (and thus noise) due to the
board parasitics.
●
Turn ON overcurrent causing a decrease of the efficiency and system reliability.
●
Big EMI problems.
●
Shorter freewheeling diode life.
The fall time of the current during the turn off is also critical. In fact it produces voltage
spikes (due to the parasitics elements of the board) that increase the voltage drop across
the PDMOS.
In order to minimize all these problems, a new topology of driving circuit has been used and
its block diagram is shown in Figure 6.
The basic idea is to change the current levels used to turn on and off the power switch,
according with the PDMOS status and with the gate clamp status.
This circuitry allow to turn off and on quickly the power switch and to manage the above
question related to the freewheeling diode recovery time problem.
The gate clamp is necessary to avoid that Vgs of the internal switch goes higher than
Vgsmax. The ON/OFF Control block avoids any cross conduction between the supply line
and ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com