Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5972D Datasheet(PDF) 20 Page - STMicroelectronics

Part # L5972D
Description  2A switch step down switching regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5972D Datasheet(HTML) 20 Page - STMicroelectronics

Back Button L5972D Datasheet HTML 13Page - STMicroelectronics L5972D Datasheet HTML 14Page - STMicroelectronics L5972D Datasheet HTML 15Page - STMicroelectronics L5972D Datasheet HTML 16Page - STMicroelectronics L5972D Datasheet HTML 17Page - STMicroelectronics L5972D Datasheet HTML 18Page - STMicroelectronics L5972D Datasheet HTML 19Page - STMicroelectronics L5972D Datasheet HTML 20Page - STMicroelectronics L5972D Datasheet HTML 21Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
Order code
L5973AD
20/21
8
Order code
9
Revision history
Table 8. Order code
Part number
Package
Packaging
L5973AD
HSOP8 (Exposed Pad)
Tube
L5973ADTR
HSOP8 (Exposed Pad)
Tape and reel
Table 9. Revision history
Date
Revision
Changes
December 2003
1
First Issue
January 2004
2
Migration to EDOCS dms
December 2004
3
Added D1 & E1 dimensions in HSOP8 package information.
November 2005
4
Updated the package information section.
14-Dec-2006
5
VCC value updated to 4V in Table 4 on page 5, the document has
been reformatted.
15-Jan-2007
6
Modified VCC value in Table 4 on page 5, added part number for C1
Table 6 on page 14.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com